Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1202 Datasheet(PDF) 11 Page - Analog Devices

Part # ADE1202
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADE1202 Datasheet HTML 7Page - Analog Devices ADE1202 Datasheet HTML 8Page - Analog Devices ADE1202 Datasheet HTML 9Page - Analog Devices ADE1202 Datasheet HTML 10Page - Analog Devices ADE1202 Datasheet HTML 11Page - Analog Devices ADE1202 Datasheet HTML 12Page - Analog Devices ADE1202 Datasheet HTML 13Page - Analog Devices ADE1202 Datasheet HTML 14Page - Analog Devices ADE1202 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Data Sheet
ADE1202
Rev. 0 | Page 11 of 42
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT. THIS PIN IS INTERNALLY PULLED DOWN TO GNDF.
IT IS RECOMMENDED TO TIE THIS PIN TO GNDF EXTERNALLY.
1 2 3456 7 89 10
11
12
13
14
15
16
17
18
19
20
ADE1202
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 13. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GNDF
The GNDF pin located at Pin 1 is used to provide a return path for current from the internal programmable load.
Both Pin 1 and Pin 10 must be connected to ground externally. See the Layout Guidelines section for
recommendations on how to connect this pin.
2
GATE
Use this pin to drive the gate pins of two enhancement mode field effect transistors (FETs), one for each channel of
the ADE1202.
3, 4
LOAD1,
LOAD2
Programmable Loads. Use these pins to command a preset current required for loading the relay contacts.
5, 6
IN1, IN2
Digital Input Pins. The scaled input signals are applied at these pins.
7
VDDL
1.8 V Output of the Analog Low Dropout (LDO) Regulator. Do not connect external load circuitry to this pin.
Decouple this pin to GNDF with the recommended capacitors shown in Table 16, and see the Layout Guidelines
section for recommendations on how to connect this pin.
8
NC
No Connect. This pin is internally pulled down to GNDF. It is recommended to tie this pin to GNDF externally.
9
VDDI
Isolated Secondary Side Power Supply Output Pin. This pin provides access to the 2.0 V, on-chip isolated power
supply. Decouple this pin to GNDF with the recommended capacitors shown in Table 16, and see the Layout
Guidelines section for recommendations on how to connect this pin. Do not connect external load circuitry to this pin.
10
GNDF
The GNDF pin located at Pin 10 is used as a reference for the internal, isolated power supply and the LDO regulator.
Both Pin 1 and Pin 10 must be connected to ground externally. See the Layout Guidelines section for
recommendations on how to connect this pin.
11
GND
GND Pin. This pin is the system controller side ground pin.
12
VDD
Primary Supply Voltage. This pin provides the supply voltage for the ADE1202. Maintain the supply voltage at
3.3 V ± 10% for specified operation. Decouple this pin to the GND pin with the recommended capacitors shown in
Table 16, and see the Layout Guidelines section for recommendations on how to connect this pin.
13
VLDO
1.8 V Output of the LDO Regulator. Decouple this pin to the GND pin with the recommended capacitors shown in
Table 16, and see the Layout Guidelines section for recommendations on how to connect this pin. Do not connect
external load circuitry to this pin.
14
DOUT1
Digital Data Output Pin. This pin operates in a push/pull mode. This pin transitions to logic high, VINH, or logic low,
VINL, replicating the digital input signal at the IN1 pin.
15
DOUT2/IRQ
Digital Data Output Pin. When configured as DOUT2, this pin operates in a push/pull mode and transitions to VINH
or VINL replicating the digital input signal at the IN2 pin. When configured as an interrupt, IRQ, the pin is open-drain and a
10 kΩ pull-up resistor to the VDD voltage is recommended.
16
ADDR
Address Mode Pin. This pin is used for multichip addressing. If multichip addressing is not used, connect this pin to
ground. The address divider requires 1% resistors, as described in the SPI ADE1202 Addressing section.
17
CS
Chip Select for SPI Port.
18
SCLK
Serial Clock Input for SPI Port. All serial data transfers are synchronized to this clock.
19
MOSI
Data Input for SPI Port.
20
MISO
Data Output for SPI Port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com