Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1202 Datasheet(PDF) 14 Page - Analog Devices

Part # ADE1202
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADE1202 Datasheet HTML 10Page - Analog Devices ADE1202 Datasheet HTML 11Page - Analog Devices ADE1202 Datasheet HTML 12Page - Analog Devices ADE1202 Datasheet HTML 13Page - Analog Devices ADE1202 Datasheet HTML 14Page - Analog Devices ADE1202 Datasheet HTML 15Page - Analog Devices ADE1202 Datasheet HTML 16Page - Analog Devices ADE1202 Datasheet HTML 17Page - Analog Devices ADE1202 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
ADE1202
Data Sheet
Rev. 0 | Page 14 of 42
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–5
0
5
10
15
20
25
30
35
40
45
50
55
–1
012
3456
TIME (ms)
TA = 25°C
VDD = 3.3V
HIGH_CODE = 0xC8
LOW_CODE = 0x1E
HIGH_TIME = 0x12C
BIN_FILTER = 0x8096
PL_CTRL = 0
RISE_THR = 0x1E
PROGRAMMABLE
LOAD CURRENT
IN1
DOUT1
Figure 18. Typical Input, Digital Output, and Programmable Load Current Signals
(IN1, DOUT1, and Programmable Load Current on Channel 1) in Low Idle Mode
–1
0
1
2
3
4
5
6
7
8
9
0
50
100
150
200
TIME (ms)
TA =25°C
VDD =3.3V
HIGH_CODE = 0xFF
LOW_CODE = 0x1E
HIGH_TIME = 0xFFF
BIN_FILTER = 0x8096
PL_CTRL = 0
RISE_THR = 0x1E
LOAD2
IN1/IN2
LOAD1
GATE
Figure 19. Typical Input, Gate, LOAD1, and LOAD2 Signals when Both
External FETs Conducting (IN1 = IN2, Gate, LOAD1, LOAD2)
–1
0
1
2
3
4
5
6
7
8
9
0
50
100
150
200
TIME (ms)
TA =25°C
VDD =3.3V
HIGH_CODE = 0xFF
LOW_CODE = 0x1E
HIGH_TIME = 0xFFF
BIN_FILTER = 0x8096
PL_CTRL = 0
RISE_THR = 0x1E
LOAD2
IN1
LOAD1
GATE
Figure 20. Typical Input, Gate, LOAD1, and LOAD2 Signals when the External
FET on Channel 1 Conducting and Channel 2 Input Floating (IN1, Gate,
LOAD1, LOAD2)
0
1
2
3
4
5
6
7
8
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
ADDR PIN VOLTAGE (V)
MIN
INVALID
INPUT VOLTAGES
MAX
Figure 21. Decoded SPI Address (CHIP_ADDR) Value vs. ADDR Pin Voltage
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
–50
0
50
100
150
TEMPERATURE (°C)
VDD = 2.97V
PGA = 1
Figure 22. ADC Gain Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com