Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604CFMLH4R Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MPC5604CFMLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5604CFMLH4R Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MPC5604CFMLH4R Datasheet HTML 38Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 39Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 40Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 41Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 42Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 43Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 44Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 45Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
42
2.15.4
Output pin transition times
2.15.5
I/O pad current specification
The I/O pads are distributed across the I/O supply segment. Each I/O supply segment is associated to a
VDD/VSS supply pair as described in Table 21.
Table 20. Output pin transition times
Symbol C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Value
Unit
Min Typ Max
ttr CC D Output transition time output
pin2
SLOW configuration
2 C
L includes device and package capacitances (CPKG < 5 pF).
CL = 25 pF
VDD = 5.0 V ± 10%, PAD3V5V = 0
—
—
50
ns
TCL = 50 pF
—
—
100
DCL = 100 pF
—
—
125
DCL = 25 pF
VDD = 3.3 V ± 10%, PAD3V5V = 1
—
—
50
TCL = 50 pF
—
—
100
DCL = 100 pF
—
—
125
ttr CC D Output transition time output
pin2
MEDIUM configuration
CL = 25 pF
VDD = 5.0 V ± 10%, PAD3V5V = 0
SIUL.PCRx.SRC = 1
—
—
10
ns
TCL = 50 pF
—
—
20
DCL = 100 pF
—
—
40
DCL = 25 pF
VDD = 3.3 V ± 10%, PAD3V5V = 1
SIUL.PCRx.SRC = 1
——
12
TCL = 50 pF
—
—
25
DCL = 100 pF
—
—
40
ttr CC D Output transition time output
pin2
FAST configuration
CL = 25 pF
VDD = 5.0 V ± 10%, PAD3V5V = 0
—
—
4
ns
CL = 50 pF
—
—
6
CL = 100 pF
—
—
12
CL = 25 pF
VDD = 3.3 V ± 10%, PAD3V5V = 1
—
—
4
CL = 50 pF
—
—
7
CL = 100 pF
—
—
12
Table 21. I/O supply segment
Package
Supply segment
12
345
6
208 MAPBGA1
Equivalent to 144 LQFP segment pad distribution
MCKO
MDOn/MSEO
144 LQFP
pin20–pin49
pin51–pin99
pin100–pin122 pin 123–pin19
—
—
100 LQFP
pin16–pin35
pin37–pin69
pin70–pin83
pin 84–pin15
—
—
64 LQFP
pin8–pin26
pin28–pin55
pin56–pin7
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com