Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604CFMLH4R Datasheet(PDF) 62 Page - NXP Semiconductors

Part # MPC5604CFMLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5604CFMLH4R Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button MPC5604CFMLH4R Datasheet HTML 58Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 59Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 60Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 61Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 62Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 63Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 64Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 65Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
62
2.20.1
Designing hardened software to avoid noise problems
EMC characterization and optimization are performed at component level with a typical application
environment and simplified MCU software. It should be noted that good EMC performance is highly
dependent on the user application and the software in particular.
Therefore it is recommended that the user apply EMC software optimization and prequalification tests in
relation with the EMC level requested for his application.
•
Software recommendations: The software flowchart must include the management of runaway
conditions such as:
— Corrupted program counter
— Unexpected reset
— Critical data corruption (control registers...)
•
Prequalification trials: Most of the common failures (unexpected reset and program counter
corruption) can be reproduced by manually forcing a low state on the reset pin or the oscillator pins
for 1 second.
To complete these trials, ESD stress can be applied directly on the device. When unexpected
behavior is detected, the software can be hardened to prevent unrecoverable errors occurring.
2.20.2
Electromagnetic interference (EMI)
The product is monitored in terms of emission based on a typical application. This emission test conforms
to the IEC 61967-1 standard, which specifies the general conditions for EMI measurements.
2.20.3
Absolute maximum ratings (electrical sensitivity)
Based on two different tests (ESD and LU) using specific measurement methods, the product is stressed
in order to determine its performance in terms of electrical sensitivity.
Table 33. EMI radiated emission measurement1,2
1 EMI testing and I/O port waveforms per IEC 61967-1, -2, -4
2 For information on conducted emission and susceptibility measurement (norm IEC 61967-4), please contact your
local marketing representative.
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
—
SR — Scan range
—
0.150
—
1000 MHz
fCPU SR — Operating frequency
—
—
64
—
MHz
VDD_LV SR — LV operating voltages
—
—
1.28
—
V
SEMI CC T Peak level
VDD = 5V, TA =25°C,
LQFP144 package
Test conforming to IEC 61967-2,
fOSC = 8 MHz/fCPU = 64 MHz
No PLL frequency
modulation
—
—
18
dBµV
±2% PLL frequency
modulation
—
—
14
dBµV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com