Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604CFMLH4R Datasheet(PDF) 77 Page - NXP Semiconductors

Part # MPC5604CFMLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5604CFMLH4R Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button MPC5604CFMLH4R Datasheet HTML 73Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 74Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 75Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 76Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 77Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 78Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 79Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 80Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
77
2.26.3
ADC electrical characteristics
Table 43. ADC input leakage current
Symbol C
Parameter
Conditions
Value
Unit
Min
Typ
Max
ILKG CC D Input leakage current TA = −40 °C No current injection on adjacent pin
—
1
70
nA
DTA = 25 °C
—
1
70
DTA = 85 °C
—
3
100
DTA = 105 °C
—
8
200
PTA = 125 °C
—
45
400
Table 44. ADC conversion characteristics
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
VSS_ADC SR — Voltage on
VSS_HV_ADC (ADC
reference) pin with
respect to ground
(VSS)
2
—
−0.1
—
0.1
V
VDD_ADC SR — Voltage on
VDD_HV_ADC pin
(ADC reference) with
respect to ground
(VSS)
—VDD−0.1
—
VDD+0.1
V
VAINx
SR — Analog input voltage3
—VSS_ADC−0.1
—
VDD_ADC+0.1 V
fADC
SR — ADC analog frequency
—
6
—
32 + 4%
MHz
ΔADC_SYS SR — ADC digital clock duty
cycle (ipg_clk)
ADCLKSEL = 14
45
—
55
%
IADCPWD SR — ADC0 consumption in
power down mode
——
—
50
µA
IADCRUN SR — ADC0 consumption in
running mode
——
—
4
mA
tADC_PU SR — ADC power up delay
—
—
—
1.5
µs
ts
CC T Sampling time5
fADC = 32 MHz, INPSAMP = 17
0.5
—
µs
fADC = 6 MHz, INPSAMP = 255
—
—
42
tc
CC P Conversion time6
fADC = 32 MHz, INPCMP = 2
0.625
—
µs
CS
CC D ADC input sampling
capacitance
——
—
3
pF
CP1
CC D ADC input pin
capacitance 1
——
—
3
pF
CP2
CC D ADC input pin
capacitance 2
——
—
1
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com