Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604CFMLH4R Datasheet(PDF) 99 Page - NXP Semiconductors

Part # MPC5604CFMLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5604CFMLH4R Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button MPC5604CFMLH4R Datasheet HTML 95Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 96Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 97Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 98Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 99Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 100Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 101Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 102Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 109 page
background image
Ordering information
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
99
4
Ordering information
Figure 45. Commercial product code structure
1 208 MAPBGA available only as development package for Nexus2+
5
Document revision history
Table 49 summarizes revisions to this document.
Table 49. Revision history
Revision
Date
Description of Changes
1
04-Apr-2008
Initial release.
Qualification Status
PowerPC Core
Automotive Platform
Core Version
Flash Size (core dependent)
Product
Temperature spec.
MPC
56
B
M
LL
4
Example code:
04
Package Code
Frequency
Qualification Status
M = MC status
S = Auto qualified
P = PC status
Automotive Platform
56 = PPC in 90nm
Core Version
0 = e200z0
Flash Size (z0 core)
2 = 256 KB
3 = 384 KB
4 = 512 KB
Product
B = Body
C = Gateway
Fab and Mask Indicator
F = ATMC Fab
K = TSMC Fab
A = ATMC Fab or TSMC Fab
Second digit usually differentiate mask rev
R = Tape & Reel (blank if Tray)
R
Temperature spec.
C =
−40 to 85 °C
V =
−40 to 105 °C
M =
−40 to 125 °C
Package Code
LH = 64 LQFP
LL = 100 LQFP
LQ = 144 LQFP
MG = 208 MAPBGA1
Frequency
4 = Up to 48 MHz
6 = Up to 64 MHz
Fab and Mask Indicator
F1
Note: Not all options are available on all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com