Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604CFMLH4R Datasheet(PDF) 48 Page - NXP Semiconductors

Part # MPC5604CFMLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5604CFMLH4R Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button MPC5604CFMLH4R Datasheet HTML 44Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 45Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 46Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 47Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 48Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 49Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 50Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 51Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
48
2.16
RESET electrical characteristics
The device implements a dedicated bidirectional RESET pin.
3
3
2
PA[5]
5%
7%
6%
6%
6%
8%
7%
7%
PA[6]
5%
—
6%
—
5%
—
6%
—
PH[10]
4%
6%
5%
5%
5%
7%
6%
6%
PC[1]
5%
—
5%
—
5%
—
5%
—
4
4
3
PC[0]
6%
9%
7%
8%
6%
9%
7%
8%
PH[9]
7
78
87
78
8
—
PE[2]
7%
10%
9%
9%
—
—
—
—
—
PE[3]
8%
11%
9%
9%
—
—
—
—
3
PC[5]
8%
11%
9%
10%
8%
11%
9%
10%
PC[4]
8%
12%
10%
10%
8%
12%
10%
10%
—
PE[4]
8%
12%
10%
11%
—
—
—
—
—
PE[5]
9%
12%
10%
11%
—
—
—
—
—
—
PH[4]
9%
13%
11%
11%
—
—
—
—
—
—
PH[5]
9%
—
11%
—
—
—
—
—
—
—
PH[6]
9%
13%
11%
12%
—
—
—
—
—
—
PH[7]
9%
13%
11%
12%
—
—
—
—
—
—
PH[8]
10%
14%
11%
12%
—
—
—
—
4
—
PE[6]
10%
14%
12%
12%
—
—
—
—
—
PE[7]
10%
14%
12%
12%
—
—
—
—
—
PC[12]
10%
14%
12%
13%
—
—
—
—
—
PC[13]
10%
—
12%
—
—
—
—
—
3
PC[8]
10%
—
12%
—
10%
—
12%
—
PB[2]
10%
15%
12%
13%
10%
15%
12%
13%
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to125 °C, unless otherwise specified
2 Segments shown apply to MPC560xB devices only
3 SRC: “Slew Rate Control” bit in SIU_PCR
Table 23. I/O weight1 (continued)
Supply segment
Pad
144/100 LQFP
64 LQFP
Weight 5 V
Weight 3.3 V
Weight 5 V
Weight 3.3 V
144
LQFP
100
LQFP
64
LQFP2
SRC3 =0 SRC=1 SRC =0 SRC=1 SRC =0 SRC=1 SRC =0 SRC=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com