Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604CFMLH4R Datasheet(PDF) 80 Page - NXP Semiconductors

Part # MPC5604CFMLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5604CFMLH4R Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button MPC5604CFMLH4R Datasheet HTML 76Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 77Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 78Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 79Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 80Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 81Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 82Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 83Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
80
2.27.2
DSPI characteristics
Table 46. DSPI characteristics1
1 Operating conditions: C
L = 10 to 50 pF, SlewIN = 3.5 to 15 ns.
No.
Symbol
C
Parameter
DSPI0/DSPI1
DSPI2
Unit
Min
Typ
Max
Min
Typ
Max
1tSCK
SR D SCK cycle time
Master mode
(MTFE = 0)
125
—
—
333
—
—
ns
DSlave mode
(MTFE = 0)
125
—
—
333
—
—
D
Master mode
(MTFE = 1)
83
—
—
125
—
—
DSlave mode
(MTFE = 1)
83
—
—
125
—
—
—fDSPI
SR D DSPI digital controller frequency
—
—
fCPU
——
fCPU
MHz
—
ΔtCSC CC D Internal delay between pad
associated to SCK and pad
associated to CSn in
master mode for CSn1
→0
Master mode
—
—
1302
2 Maximum value is reached when CSn pad is configured as SLOW pad while SCK pad is configured as MEDIUM. A positive value means that SCK
starts before CSn is asserted. DSPI2 has only SLOW SCK available.
——
153
ns
—
ΔtASC
CC D Internal delay between pad
associated to SCK and pad
associated to CSn in
master mode for CSn1
→1
Master mode
—
—
1303
—
—
1303
ns
2tCSCext
4
SR D CS to SCK delay
Slave mode
32
—
—
32
—
—
ns
3tASCext
5
SR D After SCK delay
Slave mode
1/fDSPI + 5
—
—
1/fDSPI + 5
—
—
ns
4tSDC
CC D SCK duty cycle
Master mode
—
tSCK/2
—
—
tSCK/2
—
ns
SR D
Slave mode
tSCK/2
—
—
tSCK/2
—
—
5tA
SR D Slave access time
Slave mode
—
—
1/fDSPI + 70
—
—
1/fDSPI + 130
ns
6tDI
SR D Slave SOUT disable time
Slave mode
7
—
—
7
—
—
ns
7tPCSC
SR D PCSx to PCSS time
0
—
—
0
—
—
ns
8tPASC
SR D PCSS to PCSx time
0
—
—
0
—
—
ns
9tSUI
SR D Data setup time for inputs
Master mode
43
—
—
145
—
—
ns
Slave mode
5
—
—
5
—
—
10
tHI
SR D Data hold time for inputs
Master mode
0
—
—
0
—
—
ns
Slave mode
26
——
26
——
11
tSUO
7
CC D Data valid after SCK edge Master mode
—
—
32
—
—
50
ns
Slave mode
—
—
52
—
—
160
12
tHO
7
CC D Data hold time for outputs
Master mode
0
—
—
0
—
—
ns
Slave mode
8
—
—
13
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com