Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604CFMLH4R Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MPC5604CFMLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5604CFMLH4R Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MPC5604CFMLH4R Datasheet HTML 53Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 54Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 55Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 56Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 57Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 58Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 59Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 60Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
57
Figure 13. Low voltage detector vs reset
NOTE
Figure 13 does not apply to LVDHV5 low voltage detector because
LVDHV5 is automatically disabled during reset and it must be enabled by
software again. Once the device is forced to reset by LVDHV5, the
LVDHV5 is disabled and reset is released as soon as internal reset sequence
is completed regardless of LVDHV5H threshold.
Table 26. Low voltage detector electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Value
Unit
Min
Typ
Max
VPORUP
SR P Supply for functional POR module
—
1.0
—
5.5
V
VPORH
CC P Power-on reset threshold
TA = 25 °C,
after trimming
1.5
—
2.6
T
—
1.5
—
2.6
VLVDHV3H CC T LVDHV3 low voltage detector high threshold
—
—
—
2.95
VLVDHV3L
CC P LVDHV3 low voltage detector low threshold
2.6
—
2.9
VLVDHV5H CC T LVDHV5 low voltage detector high threshold
—
—
4.5
VLVDHV5L
CC P LVDHV5 low voltage detector low threshold
3.8
—
4.4
VLVDLVCORL CC P LVDLVCOR low voltage detector low threshold
1.08
—
1.16
VLVDLVBKPL CC P LVDLVBKP low voltage detector low threshold
1.08
—
1.16
VDD
VLVDHVxH
RESET
VLVDHVxL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com