Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4658EVPBF Datasheet(PDF) 26 Page - Analog Devices

Part # LTM4658EVPBF
Description  Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4658EVPBF Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM4658EVPBF Datasheet HTML 18Page - Analog Devices LTM4658EVPBF Datasheet HTML 19Page - Analog Devices LTM4658EVPBF Datasheet HTML 20Page - Analog Devices LTM4658EVPBF Datasheet HTML 21Page - Analog Devices LTM4658EVPBF Datasheet HTML 22Page - Analog Devices LTM4658EVPBF Datasheet HTML 23Page - Analog Devices LTM4658EVPBF Datasheet HTML 24Page - Analog Devices LTM4658EVPBF Datasheet HTML 25Page - Analog Devices LTM4658EVPBF Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
LTM4658
26
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2022
01/22
www.analog.com
RELATED PARTS
PACKAGE PHOTOS
PART NUMBER DESCRIPTION
COMMENTS
LTM4670
Quad 10A Step-Dwon µModule Regulator
2.25V ≤ VIN ≤ 5.5V, 0.5V ≤ VOUT ≤ 5.5V, 15mm × 7.50mm × 4.65mm BGA
LTM4691
Low VIN, Ultrathin, Dual 2A Step-Down µModule Regulator
2.25V ≤ VIN ≤ 3.6V, 0.5V ≤ VOUT ≤ 2.5V, 3mm × 4mm × 1.18mm LGA/BGA
LTM4668/
LTM4668A
Quad 1.2A Step-Down µModule Regulator
2.7V ≤ VIN ≤ 17V, 0.6V ≤ VOUT ≤ 1.8V (LTM4668A: 0.6V ≤ VOUT ≤ 5.5V,
2.25MHz) 6.25mm × 6.25mm × 2.1mm BGA
LTM4622
Ultrathin, Dual 2.5A or Single 5A Step-Down µModule Regulator 3.6V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V, 6.25mm × 6.25mm × 1.82mm
LGA, 6.25mm × 6.25mm × 2.42mm BGA
LTM4626
12A μModule Regulator. Pin Compatible with LTM4657,
LTM4638
3.1V ≤ VIN ≤ 20V. 0.6V ≤ VOUT ≤ 5.5V, 6.25mm × 6.25mm ×
3.87mm BGA
LTM4657
8A μModule Regulator. Pin Compatible with LTM4626, LTM4638 3.1V ≤ VIN ≤ 20V, 0.5V ≤ VOUT ≤ 5.5V, 6.25mm × 6.25mm × 3.87mm BGA
LTM4638
15A μModule Regulator. Pin Compatible with LTM4657, LTM4626 3.1V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V, 6.25mm × 6.25mm × 5.02mm BGA
LTM4663
Ultrathin 1.5A μModule Thermoelectric Cooler (TEC) Regulator 2.7V ≤ VIN ≤ 5.5V, 3.5mm × 4mm × 1.3mm LGA
LTM4693
Low VIN, Ultrathin, 2A Buck-Boost μModule Regulator
2.6V ≤ VIN ≤ 5.5V, 1.8V ≤ VOUT ≤ 5.5V, 3.5mm × 4mm × 1.25mm LGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com