Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4658EVPBF Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4658EVPBF
Description  Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4658EVPBF Datasheet(HTML) 4 Page - Analog Devices

  LTM4658EVPBF Datasheet HTML 1Page - Analog Devices LTM4658EVPBF Datasheet HTML 2Page - Analog Devices LTM4658EVPBF Datasheet HTML 3Page - Analog Devices LTM4658EVPBF Datasheet HTML 4Page - Analog Devices LTM4658EVPBF Datasheet HTML 5Page - Analog Devices LTM4658EVPBF Datasheet HTML 6Page - Analog Devices LTM4658EVPBF Datasheet HTML 7Page - Analog Devices LTM4658EVPBF Datasheet HTML 8Page - Analog Devices LTM4658EVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTM4658
4
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current at 2.5VIN
Efficiency vs Load Current at 3.3VIN
Efficiency vs Load Current at 5VIN
Efficiency vs Load Current at
Different Mode of Operation
1.0V Output Transient Response,
VIN = 3.3V
1.5V Output Transient Response,
VIN = 3.3V
1.0V Output Transient Response,
VIN = 5V
1.5V Output Transient Response,
VIN = 5V
Start-Up with No Load
LOAD CURRENT (A)
0
100
55
95
85
75
65
90
80
70
60
50
5
9
3
7
4658 G01
10
4
8
2
6
1
VOUT = 0.5V (1MHz)
VOUT = 0.8V (2MHz)
VOUT = 1V (2MHz)
VOUT = 1.5V (2MHz)
VOUT = 1.8V (2MHz)
LOAD CURRENT (A)
0
100
55
95
85
75
65
90
80
70
60
50
5
9
3
7
4658 G02
10
4
8
2
6
1
VOUT = 0.5V (1MHz)
VOUT = 0.8V (2MHz)
VOUT = 1V (2MHz)
VOUT = 1.5V (2MHz)
VOUT = 1.8V (2MHz)
LOAD CURRENT (A)
0
100
55
95
85
75
65
90
80
70
60
50
5
9
3
7
4658 G03
10
4
8
2
6
1
VOUT = 0.5V (1MHz)
VOUT = 0.8V (2MHz)
VOUT = 1V (2MHz)
VOUT = 1.5V (2MHz)
VOUT = 2.5V (2MHz)
VOUT = 3.3V (2MHz)
LOAD CURRENT (A)
0.001
100
10
90
70
50
30
80
60
40
20
0
0.100
1.000
4658 G04
10.000
0.010
VIN = 3.3V PULSE-
SKIPPING MODE
VIN = 3.3V FCM
VIN = 5V PULSE-
SKIPPING MODE
VIN = 5V FCM
VOUT
200mV/DIV
ILOAD
5A/DIV
4658 G05
20s/DIV
VIN = 3.3V
IOUT = 2.5A TO 7.5A
OUTPUT CAPACITOR = 100F + 2 × 22 F
VOUT
200mV/DIV
ILOAD
5A/DIV
4658 G06
20s/DIV
VIN = 3.3V
IOUT = 2.5A TO 7.5A
OUTPUT CAPACITOR = 100F + 2 × 22 F
VOUT
200mV/DIV
ILOAD
5A/DIV
4658 G07
20s/DIV
VIN = 5V
IOUT = 2.5A TO 7.5A
OUTPUT CAPACITOR = 100F + 2 × 22 F
VOUT
200mV/DIV
ILOAD
5A/DIV
4658 G08
20s/DIV
VIN = 5V
IOUT = 2.5A TO 7.5A
OUTPUT CAPACITOR = 100F + 2 × 22 F
4658 G09
10ms/DIV
VIN = 3.3V
VOUT = 1.5V
NO LOAD
VOUT
IIN
1A/DIV
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com