Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4658EVPBF Datasheet(PDF) 18 Page - Analog Devices

Part # LTM4658EVPBF
Description  Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4658EVPBF Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM4658EVPBF Datasheet HTML 14Page - Analog Devices LTM4658EVPBF Datasheet HTML 15Page - Analog Devices LTM4658EVPBF Datasheet HTML 16Page - Analog Devices LTM4658EVPBF Datasheet HTML 17Page - Analog Devices LTM4658EVPBF Datasheet HTML 18Page - Analog Devices LTM4658EVPBF Datasheet HTML 19Page - Analog Devices LTM4658EVPBF Datasheet HTML 20Page - Analog Devices LTM4658EVPBF Datasheet HTML 21Page - Analog Devices LTM4658EVPBF Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LTM4658
18
Rev. 0
For more information www.analog.com
Table 5. 1.0V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 9, Figure 12
3.3, 5
Figure 7, Figure 8
0
None
20.6
Figure 9, Figure 12
3.3, 5
Figure 7, Figure 8
200
None
18.5
Figure 9, Figure 12
3.3, 5
Figure 7, Figure 8
400
None
17.4
Table 6. 1.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 10, Figure 13
3.3, 5
Figure 7, Figure 8
0
None
20.5
Figure 10, Figure 13
3.3, 5
Figure 7, Figure 8
200
None
18.3
Figure 10, Figure 13
3.3, 5
Figure 7, Figure 8
400
None
17.5
Table 7. 2.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 11, Figure 14
3.3, 5
Figure 7, Figure 8
0
None
21.2
Figure 11, Figure 14
3.3, 5
Figure 7, Figure 8
200
None
18.3
Figure 11, Figure 14
3.3, 5
Figure 7, Figure 8
400
None
17.5
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com