Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4658EVPBF Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4658EVPBF
Description  Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4658EVPBF Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4658EVPBF Datasheet HTML 8Page - Analog Devices LTM4658EVPBF Datasheet HTML 9Page - Analog Devices LTM4658EVPBF Datasheet HTML 10Page - Analog Devices LTM4658EVPBF Datasheet HTML 11Page - Analog Devices LTM4658EVPBF Datasheet HTML 12Page - Analog Devices LTM4658EVPBF Datasheet HTML 13Page - Analog Devices LTM4658EVPBF Datasheet HTML 14Page - Analog Devices LTM4658EVPBF Datasheet HTML 15Page - Analog Devices LTM4658EVPBF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LTM4658
12
Rev. 0
For more information www.analog.com
When configured for master/slave operation, the slave
phases operate in forced continuous modes.
LTM4658
VIN
FREQ
FB
4658 F02
R4
R3
AGND
Figure 2. Phase Programming
The LTM4658 device is an inherently current mode con-
trolled device, so parallel modules will have very good
current sharing. This will balance the thermals on the
design. Tie RUN, SSTT, FB and COMP pins of each paral-
leling channel together. Figure 17 through Figure 19 show
examples of parallel operation and pin connections.
INPUT RMS Ripple Current Cancellation
Application Note 77 provides a detailed explanation of
multiphase operation. The input RMS ripple current can-
cellation mathematical derivations are presented, and a
graph is displayed representing the RMS ripple current
reductionasafunctionofthenumberofinterleavedphases.
Figure 3 shows this graph.
DUTY CYCLE (VOUT/VIN)
0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6 0.65 0.7 0.75 0.8 0.85 0.9
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
4658 F03
6-PHASE
4-PHASE
3-PHASE
2-PHASE
1-PHASE
Figure 3. Input RMS Current Ratios to DC Load
Current as a Function of Duty Cycle
Soft-Start /Tracking/Temperature Monitor
The LTM4658 allows the user to program its output volt-
age ramp rate by means of the SSTT pin.
An internal 10μA pulls up the SSTT pin. Putting an external
capacitor on SSTT enables soft-starting the output to pre-
vent current surge on the input supply and output voltage
overshoot. During the soft-start ramp, the output volt-
age will proportionally track the SSTT pin voltage. When
the soft-start is complete, the pin will servo to a voltage
proportional to the LTM4658 junction temperature. See
Figure 4 showing the SSTT pin operating range.
0
DIE TEMP
(°C)
FB
(V)
150
0.1
125
75
0.6
0.3
100
50
0.5
25
0.4
0.2
0
0.5
1.5
0.6
1.6
0.3
1.3
4658 F04
1.7
0.4
1.4
0.2
1.2
0.1
SSTT (V)
TEMP
MONITOR
~4mV/°C
SSTT PIN VOLTAGE
OPERATING RANGE
SOFT-START
AND TRACKING
Figure 4. Soft-Start and Temperature Monitor Operation
The soft-start time is calculated with Equation 5.
TSS = CSS •
500mV
10µA
(5)
For output tracking applications, SSTT can be externally
driven by another voltage source. From 0V to 0.5V, the
SSTT voltage will override the internal 0.5V reference
input to the error amplifier, thus regulating the FB pin
voltage to that of SSTT pin. When SSTT is above 0.5V,
tracking is disabled and the feedback voltage will regulate
to the internal reference voltage.
An active pull-down circuit is connected to the SSTT pin
to discharge the external soft-start capacitor in the case
of fault conditions. The ramp will restart when the fault is
cleared. Fault conditions that clear the soft-start capacitor
are the RUN/UV pin transitioning low, VIN voltage falling
too low or thermal shutdown.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com