Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4658EVPBF Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4658EVPBF
Description  Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4658EVPBF Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4658EVPBF Datasheet HTML 9Page - Analog Devices LTM4658EVPBF Datasheet HTML 10Page - Analog Devices LTM4658EVPBF Datasheet HTML 11Page - Analog Devices LTM4658EVPBF Datasheet HTML 12Page - Analog Devices LTM4658EVPBF Datasheet HTML 13Page - Analog Devices LTM4658EVPBF Datasheet HTML 14Page - Analog Devices LTM4658EVPBF Datasheet HTML 15Page - Analog Devices LTM4658EVPBF Datasheet HTML 16Page - Analog Devices LTM4658EVPBF Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTM4658
13
Rev. 0
For more information www.analog.com
Once the soft-start cycle has completed and the output
power good flag thrown, the SSTT pin reports the die
junction temperature. The LTM4658 regulates the SSTT
pin to a voltage proportional to the junction temperature.
While reporting the temperature, the SSTT voltage is not
valid below 1V. The junction temperature is calculated
with Equation 6.
TJ (°C) =
VSSTT
4mV
– 273
(6)
The following procedure is used for a more accurate mea-
surement of the junction temperature:
1. Measure the ambient temperature TA.
2. Measure the SSTT voltage while in pulse-skipping
mode with the VOUT pulled up slightly higher than the
regulated VOUT.
3. Calculate the slope of the temperature sensing circuit
using Equation 7.
Slope mV
°C
⎛
⎝
⎜
⎞
⎠
⎟=
VSSTT
TA + 273
(7)
4. Calculate the junction temperature with the new cali-
brated slope.
When the output voltage goes out of regulation and the
power good pin is pulled low, the soft-start pin no longer
reports the temperature.
Power Good
The PGOOD pins are open drain pins that can be used to
monitorvalidoutputvoltageregulation.Thispinmonitorsa
−3/+10%windowaroundtheregulationpoint.Aresistorcan
be pulled up to a particular supply voltage for monitoring.
To prevent unwanted PGOOD glitches during transients
or dynamic VOUT changes, the LTM4658’s PGOOD falling
edgeincludesablankingdelayofapproximately100µs.The
PGOOD is also actively pulled low during fault conditions:
RUN pin is low, VIN is too low or in thermal shutdown.
Stability Compensation
The LTM4658 module’s internal compensation loop is
designed and optimized for low ESR ceramic output
capacitors only application. A 10pF to 15pF phase boost
cap between VOUT and FB pins may be required to help
maintainingahighphasemargin.TheLTpowerCADdesign
tool is available to download for control loop optimization.
RUN Threshold Programming
The LTM4658 has a precision threshold RUN pin to en-
able or disable switching. Pulling the RUN pin to ground
forces the LTM4658 into its shutdown state, turning off
both power MOSFETs and most of its internal control
circuitry. Bringing the RUN pin above 0.4V will turn on
the entire chip.
The rising threshold of the RUN comparator is 400mV
with 60mV of hysteresis. Connect the RUN pin to VIN if
the shutdown feature is not used. Adding a resistor divider
from VIN to RUN programs the LTM4658 to regulate the
output only when VIN is above a desired voltage (see the
Block Diagram). Typically, this threshold, VIN(RUN),isused
in situations where the input supply is current limited or
has a relatively high source resistance. A switching regu-
lator draws constant power from the source, so source
current increases as source voltage drops. This looks like
a negative resistance load to the source and can cause
the source to current limit or latch low under low source
voltage conditions. The VIN(RUN) threshold prevents the
regulator from operating at source voltages where prob-
lems may occur. This threshold can be adjusted by setting
the values R1 and R2 such that they satisfy Equation 8.
VIN(RUN) =
R1
R2
+1
⎛
⎝
⎜
⎞
⎠
⎟• 400mV
(8)
where the LTM4658 will remain off until VIN is above
VIN(RUN). Due to the comparator’s hysteresis, switching
will not stop until the input falls slightly below VIN(RUN).
Alternatively, a resistor divider from an output of another
regulator to the enable RUN pin of the LTM4658 provides
event-based power up sequencing, enabling the LTM4658
when the output of the other regulator reaches a prede-
termined level.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com