Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4658EVPBF Datasheet(PDF) 19 Page - Analog Devices

Part # LTM4658EVPBF
Description  Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4658EVPBF Datasheet(HTML) 19 Page - Analog Devices

Back Button LTM4658EVPBF Datasheet HTML 15Page - Analog Devices LTM4658EVPBF Datasheet HTML 16Page - Analog Devices LTM4658EVPBF Datasheet HTML 17Page - Analog Devices LTM4658EVPBF Datasheet HTML 18Page - Analog Devices LTM4658EVPBF Datasheet HTML 19Page - Analog Devices LTM4658EVPBF Datasheet HTML 20Page - Analog Devices LTM4658EVPBF Datasheet HTML 21Page - Analog Devices LTM4658EVPBF Datasheet HTML 22Page - Analog Devices LTM4658EVPBF Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LTM4658
19
Rev. 0
For more information www.analog.com
Table 8. Output Voltage Response vs Component Matrix (Refer to Front Page Figure) 0A to 5A Load Step Typical Measured Values
CIN CERAMIC VENDORS
VALUE (μF)
PART NUMBER
COUT VENDORS
VALUE (μF)
PART
NUMBER
Taiyo Yuden
10
EMK212BB7106MG-T
Murata
22
GRM188R60J226MEA0D
Murata
22
GRM188R61A226ME15D
Murata
100
GRM21BR60J107ME15K
VOUT
(V)
CIN
(CERAMIC)
(μF)
CIN
(BULK)
COUT
(CERAMIC)
(μF)
COUT
(BULK)
(μF)
CFF
(pF)
VIN
(V)
DROOP
(mV)
P-P
Deviation
(mV)
RECOVERY
TIME (µs)
LOAD
STEP
(A/µs)
LOAD STEP
SLEW RATE
(A/µs)
FREQ.
(kHz)
0.5
2 × 10
150
100 + 2 × 22 Open
Open
3.3
40
78
5
5
5
1000
0.8
2 × 10
150
100 + 2 × 22 Open
Open
3.3
45
92
10
5
5
2000
0.8
2 × 10
150
100 + 2 × 22 Open
Open
5
45
90
10
5
5
2000
1
2 × 10
150
100 + 2 × 22 Open
Open
3.3
55
109
10
5
5
2000
1
2 × 10
150
100 + 2 × 22 Open
Open
5
55
105
10
5
5
2000
1.5
2 × 10
150
100 + 2 × 22 Open
Open
3.3
80
157
10
5
5
2000
1.5
2 × 10
150
100 + 2 × 22 Open
Open
5
80
156
10
5
5
2000
2.5
2 × 10
150
100 + 2 × 22 Open
Open
3.3
120
239
15
5
5
2000
2.5
2 × 10
150
100 + 2 × 22 Open
Open
5
120
241
15
5
5
2000
3.3
2 × 10
150
100 + 2 × 22 Open
Open
5
120
291
15
5
5
2000
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com