Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4658EVPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4658EVPBF
Description  Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4658EVPBF Datasheet(HTML) 1 Page - Analog Devices

  LTM4658EVPBF Datasheet HTML 1Page - Analog Devices LTM4658EVPBF Datasheet HTML 2Page - Analog Devices LTM4658EVPBF Datasheet HTML 3Page - Analog Devices LTM4658EVPBF Datasheet HTML 4Page - Analog Devices LTM4658EVPBF Datasheet HTML 5Page - Analog Devices LTM4658EVPBF Datasheet HTML 6Page - Analog Devices LTM4658EVPBF Datasheet HTML 7Page - Analog Devices LTM4658EVPBF Datasheet HTML 8Page - Analog Devices LTM4658EVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTM4658
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Low VIN, High Efficiency 10A Step-Down
DC/DC µModule Regulator
The LTM®4658 is a complete 10A step-down switching
mode μModule® regulator in a tiny 4mm × 4mm × 4.32mm
LGA package. Included in the package are the switch-
ing controller, power MOSFETs, inductor and all support
components. Operating over an input voltage range of
2.25V to 5.5V, the LTM4658 supports an output voltage
range of 0.5V to VIN set by external resistors. Its high
efficiency design delivers 10A continuous output current.
Only ceramic input and output capacitors are needed.
The LTM4658 employs a Silent Switcher 2 architecture
with internal hot loop bypass capacitors to achieve both
low EMI and high efficiency at high switching frequencies.
The LTM4658 also supports frequency synchronization,
multiphase operation, selectable pulse-skipping mode
operation, output voltage tracking for supply rail sequenc-
ing. Its high switching frequency and a current mode
architecture enables a very fast transient response to line
and load changes without sacrificing stability.
Fault protection features include overvoltage, overcurrent
and overtemperature protection. The LTM4658 is Pb-Free
and RoHS compliant.
Single 10A, 1V Output DC/DC μModule Regulator
APPLICATIONS
n
Tiny Surface Mount, 4mm × 4mm × 4.32mm
LGA Package
n
Silent Switcher®2 Architecture
n
Ultralow EMI Noise
n
Input Voltage Range: 2.25V to 5.5V
n
Output Voltage Range: 0.5V to VIN
n
10A DC Output Current
n
Current Mode Control, Fast Transient Response
n
Multiphase Parallel Current Sharing with
Multiple LTM4658s
n
Output Soft-Start with Voltage Tracking
n
External Frequency Synchronization
n
Selectable Pulse-Skipping Mode
n
Power Good Indicator
n
Die Temperature Monitoring Output
n
Overvoltage, Overcurrent and Overtemperature
Protection
n
Telecom, Datacom, Networking System
n
Optical Module
n
Industrial Equipment
n
Point-of-Load Regulation
All registered trademarks and trademarks are the property of their respective owners.
Efficiency vs Load Current
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
4658 TA01b
EFFICIENCY
POWER LOSS
VIN = 3.3V
VOUT = 1V
FREQ = 2MHz
VIN
RUN
FREQ
SSTT
COMP
VOUT
GND
FB
AGND
MODE/SYNC
60.4k
60.4k
4658 TA01a
100µF
6.3V
22µF
6.3V
VOUT
1V
10A
VIN
2.5V TO 5.5V
LTM4658
PGOOD
0.1µF


Similar Part No. - LTM4658EVPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
LTM4658 AD-LTM4658 Datasheet
2Mb / 26P
Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
Rev. 0
More results

Similar Description - LTM4658EVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
20A DC/DC 關Module Step-Down Regulator
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
Triple 10A Step-Down DC/DC Module Regulator
LTM4639 LINER-LTM4639_15 Datasheet
579Kb / 32P
Low VIN 20A DC/DC Module Step-Down Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
10A Step-Down DC/DC Module Regulator
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
Low VIN, 10A Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
10A Step-Down DC/DC 關Module Regulator
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
High Efficiency 10A Step-Down 關Module Regulator
logo
Analog Devices
LTM4691 AD-LTM4691 Datasheet
1Mb / 22P
Low VIN, High Efficiency, Dual 2A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com