Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LSR Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI3VDP411LSR
Description  Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3VDP411LSR Datasheet(HTML) 4 Page - Diodes Incorporated

  PI3VDP411LSR Datasheet HTML 1Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 2Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 3Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 4Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 5Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 6Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 7Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 8Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.pericom.com
PS9060A
08/23/11
PI3VDP411LSR
Dual Mode DisplayPort™ to DVI/HDMI™ Electrical Bridge (Level Shifter)
Pin
Name
I/O Type
Descriptions
29
SDA_SINK
I/O
5V DDC Data I/O. Pulled up by external termination to 5V. Con-
nected to SDA_SOURCE through voltage limiting integrated
NMOS passgate.
30
HPD_SINK
I
Low Frequency, 0V to 5V (nominal) input signal. This signal comes
from the TMDS connector. Voltage High indicates “plugged” state;
voltage low indicated “unplugged”. HPD_SINK is pulled down by
an integrated 100K ohm pull-down resistor.
32
DDC_EN
I
Enables bias voltage to the DDC passgate level shifter gates. (May
be implemented as a bias voltage connection to the DDC pass gates
themselves.)
DDC_EN
Passgate
0V
Disable
3.3V
Enable
38
IN_D1-
I
Low-swing diff input from DP Tx outputs. IN_D1- makes a differ-
ential pair with IN_D1+.
39
IN_D1+
I
Low-swing diff input from DP Tx outputs. IN_D1+ makes a dif-
ferential pair with IN_D1-.
41
IN_D2-
I
Low-swing diff input from DP Tx outputs. IN_D2- makes a differ-
ential pair with IN_D2+.
42
IN_D2+
I
Low-swing diff input from DP Tx outputs. IN_D2+ makes a dif-
ferential pair with IN_D2-.
44
IN_D3-
I
Low-swing diff input from DP Tx outputs. IN_D3- makes a differ-
ential pair with IN_D3+.
45
IN_D3+
I
Low-swing diff input from DP Tx outputs. IN_D3+ makes a dif-
ferential pair with IN_D3-.
47
IN_D4-
I
Low-swing diff input from DP Tx outputs. IN_D4- makes a differ-
ential pair with IN_D4+.
48
IN_D4+
I
Low-swing diff input from DP Tx outputs. IN_D4+ makes a dif-
ferential pair with IN_D4-.
11-0084



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com