Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LSR Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI3VDP411LSR
Description  Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3VDP411LSR Datasheet(HTML) 5 Page - Diodes Incorporated

  PI3VDP411LSR Datasheet HTML 1Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 2Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 3Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 4Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 5Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 6Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 7Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 8Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.pericom.com
PS9060A
08/23/11
PI3VDP411LSR
Dual Mode DisplayPort™ to DVI/HDMI™ Electrical Bridge (Level Shifter)
Absolute Maximum Ratings (Over operating free-air temperature range)
Item
Rating
Supply Voltage to Ground Potential
5.5V
All Inputs and Outputs
-0.5V to VDD+0.5V
Ambient Operating Temperature
-40 to +85°C
Storage Temperature
-65 to +150°C
Junction Temperature
150°C
Soldering Temperature
260°C
Stress beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
Parameter
Min.
Typ.
Max.
Unit
Ambient Operating Temperature
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.6
V
11-0084



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com