Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LSR Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3VDP411LSR
Description  Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3VDP411LSR Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3VDP411LSR Datasheet HTML 1Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 2Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 3Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 4Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 5Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 6Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 7Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 8Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.pericom.com
PS9060A
08/23/11
PI3VDP411LSR
Pin Configuration (48-Pin TQFN)
1
2
3
4
5
6
7
8
9
10
11 12
13
14
15
16
17
18
19
20
21
22
23
24
36
35
34
33 32
31
30
29 28 27
26 25
48
47
46
45
44
43
42
41
40
39
38
37
GND
VDD
IN_D1-
IN_D1+
IN_D2-
IN_D2+
GND
IN_D3-
IN_D3+
IN_D4-
IN_D4+
VDD
GND
VDD
OUT_D1-
OUT_D1+
OUT_D2-
OUT_D2+
GND
OUT_D3-
OUT_D3+
OUT_D4-
OUT_D4+
VDD
GND
Description
Pericom Semiconductor’s PI3VDP411LSR provides the ability
to use a Dual-mode DisplayPort™ transmitter in HDMI™ mode.
This flexibility provides the user a choice of how to connect to
their favorite display. All signal paths accept AC coupled video
signals. The PI3VDP411LSR converts this AC coupled signal into
an HDMI rev 1.3 compliant signal with proper signal swing. This
conversion is automatic and transparent to the user.
The PI3VDP411LSR supports up to 2.5Gbps, which provides 12-
bits of color depth per channel, as indicated in HDMI rev 1.3.
Features
Î
Converts low-swing AC coupled differential input to
HDMI™ rev 1.3 compliant open-drain current steering Rx
terminated differential output
Î
HDMI Level shifting operation up to 2.5Gbps per lane
(250MHz pixel clock)
Î
Integrated 50-ohm termination resistors for AC-coupled
differential inputs.
Î
Enable/Disable feature to turn off TMDS outputs to enter
low-power state.
Î
Output slew rate control on TMDS outputs to minimize
EMI
Î
Integrated Passive DDC level shifters (3.3V source to 5V
sink)
Î
Transparent operation: no re-timing or configuration
required
Î
Level shifter for HPD signal from HDMI/DVI connector
Î
Integrated pull-down on HPD_sink input guarantees "input
low" when no display is plugged in
Î
3.3V Power supply required
Î
TMDS output enable control
Î
ESD protection on all I/O pins
à
4kV HBM
à
±8kV contact ESD protection on the following pins
→ OUT_Dx±
→ SDA_SINK, SCL_SINK
→ HPD_SINK
Î
Packaging (Pb-free & Green available):
à
48 TQFN, 7mm × 7mm (ZBE)
Dual Mode DisplayPort™ to DVI/HDMI™ Electrical Bridge (Level Shifter)
11-0084


Similar Part No. - PI3VDP411LSR

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VDP411LS PERICOM-PI3VDP411LS Datasheet
439Kb / 11P
Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
PI3VDP411LSA PERICOM-PI3VDP411LSA Datasheet
635Kb / 13P
Dual Mode DisplayPort to DVI/HDMI Electrical bridge (Level Shifter)
PI3VDP411LST PERICOM-PI3VDP411LST Datasheet
440Kb / 11P
Digital Video Level Shifter for dual mode DP signals w/ inverting buffer for HPD signal
PI3VDP411LSTZDE PERICOM-PI3VDP411LSTZDE Datasheet
440Kb / 11P
Digital Video Level Shifter for dual mode DP signals w/ inverting buffer for HPD signal
PI3VDP411LSZBE PERICOM-PI3VDP411LSZBE Datasheet
594Kb / 13P
Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
More results

Similar Description - PI3VDP411LSR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9406 MAXIM-MAX9406 Datasheet
303Kb / 11P
DisplayPort to DVI/HDMI Level Shifter
Rev 0; 10/07
logo
NXP Semiconductors
PTN3300A NXP-PTN3300A Datasheet
133Kb / 23P
DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
DVI and HDMI level shifter
Rev. 01-8 July 2008
PTN3360A NXP-PTN3360A Datasheet
395Kb / 21P
Enhanced performance HDMI/DVI level shifter with inverting HPD
Rev. 02-8 October 2009
PTN3360B NXP-PTN3360B Datasheet
398Kb / 22P
Enhanced performance HDMI/DVI level shifter
Rev. 02-8 October 2009
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
AC coupled HDMI level shifter
01-Dec-2008
logo
Maxim Integrated Produc...
MAX14886 MAXIM-MAX14886 Datasheet
1Mb / 10P
Dual DisplayPort Graphics Multiplexer with HDMI Level Shifter
Rev 0; 12/10
logo
Pericom Semiconductor C...
PI3VDP411LSA PERICOM-PI3VDP411LSA Datasheet
635Kb / 13P
Dual Mode DisplayPort to DVI/HDMI Electrical bridge (Level Shifter)
logo
Tripp Lite. All Rights ...
P130-000-DP TRIPPLITE-P130-000-DP Datasheet
503Kb / 2P
HDMI/DVI to DisplayPort Active Converter, HDMI to DisplayPort (F/F), 1920 x 1200 (1080p)
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
HDMI/DVI Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com