Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LSR Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PI3VDP411LSR
Description  Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3VDP411LSR Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PI3VDP411LSR Datasheet HTML 2Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 3Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 4Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 5Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 6Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 7Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 8Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 9Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.pericom.com
PS9060A
08/23/11
PI3VDP411LSR
Dual Mode DisplayPort™ to DVI/HDMI™ Electrical Bridge (Level Shifter)
Table 3: HPD Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Comments
VIH-HPD
Input High Level
2.0
5.0
5.3
V
Low-speed input changes state on cable plug/
unplug
VIL-HPD
HPD_sink Input Low
Level
0
0.8
V
IIN-HPD
HPD_sink Input Leakage
Current
70
µA
Measured with HPD_sink at VIH-HPD max
and VIL-HPD min
VOH-HPD
HPD_source Output
High-Level
2.5
VDD
V
VDD = 3.3V ±10%
IOH = -4mA(MIN) / -8mA(MAX)
VOL-HPD
HPD_source Output Low-
Level
0
0.4
V
IOL = 4mA(MIN) / 8mA(MAX)
THPD
HPD_sink to HPD_source
propagation delay
200
ns
Time from HPD_sink changing state to
HPD_source changing state. Includes HPD_
source rise/fall time
TRF-HPDB
HPD_source rise/ fall time 1
20
ns
Time required to transition from VOH- HPDB
to VOL-HPDB or from VOL-HPDB to VOH-HPDB
Table 4: OE# Input, DDC_EN
Symbol
Parameter
Min
Typ
Max
Units
Comments
VIH
Input High Level
2.0
VDD
V
TMDS enable input changes state on cable
plug/unplug
VIL
Input Low Level
0
0.8
V
IIN
Input Leakage Current
10
µA
Measured with input at VIH-EN max and
VIL-EN min
Table 5: Termination Resistor
Symbol
Parameter
Min
Typ
Max
Units
Comments
RHPD
HPD_sink input pull-
down resistor.
100K
Ω
Guarantees HPD_sink is LOW when no
display is plugged in.
11-0084



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com