Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LSR Datasheet(PDF) 6 Page - Diodes Incorporated

Part # PI3VDP411LSR
Description  Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3VDP411LSR Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button PI3VDP411LSR Datasheet HTML 2Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 3Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 4Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 5Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 6Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 7Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 8Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 9Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.pericom.com
PS9060A
08/23/11
PI3VDP411LSR
Dual Mode DisplayPort™ to DVI/HDMI™ Electrical Bridge (Level Shifter)
Table: Power Supplies and Temperature Range
Symbol
Parameter
Min
Typ
Max
Units
Comments
VDD
3.3V Power supply
3.0
3.3
3.6
V
ICC
Max Current
100
mA
ICCQ
Standby Current
2
mA
OE# = HIGH
TCASE
Case temperature range
for operation with spec. -40
85
Celsius (°)
Table: Differential Input Characteristics for IN_Dx signals
Symbol
Parameter
Min
Typ
Max
Units
Comments
Tbit
Unit Interval
360
ps
Tbit is determined by the display
mode. Nominal bit rate ranges from
250Mbps to 2.5Gbps per lane. Nomi-
nal Tbit at 2.5 Gbps = 400 ps. 360ps =
400ps-10%
VRX_DIFF
Input Differential Volt-
age level
0.175
1.200
V
See note 1 below
TRX_EYE
Minimum Eye Width at
IN_D input pair
0.8
Tbit
The level shifter may add a maximum
of 0.02UI jitter (400 * 0.02) = 8ps
VCM-ACp-p
AC Peak Common
Mode Input Voltage
100
mV
See note 2 below
ZRX_DC
40
50
60
Ω
Required IN_D+ as well as IN_D- DC
impedance (50 ±20% tolerance).
ZRX-Bias
0
2.0
V
Intended to limit power-up stress on
chipset's PCIE output buffers.
ZRX_HIGH-Z
100
k Ω
Differential inputs must be in a high
impedance state when OE# is HIGH.
1. VRX-DIFF = 2x|VRX-D- -VRX-D-| Applies to IN_Dx signals
2. VCM-AC-p-p = |VRX-D- - VRX-D-|/2 - VRX-CM-DC
VRX-CM-DC = DC(avg) of |VRX-D+ + VRX-D-|/2
VCM-AC-p-p includes all frequencies above 30 kHz.
TMDS Outputs
The level shifter's TMDS outputs are required to meet HDMI 1.3 specifications.
The HDMI 1.3 Specification is assumed to be the correct reference in instances where this document conflicts with the HDMI 1.3
specification.
11-0084



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com