Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LSR Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI3VDP411LSR
Description  Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3VDP411LSR Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI3VDP411LSR Datasheet HTML 2Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 3Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 4Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 5Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 6Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 7Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 8Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 9Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.pericom.com
PS9060A
08/23/11
PI3VDP411LSR
Dual Mode DisplayPort™ to DVI/HDMI™ Electrical Bridge (Level Shifter)
Truth Table (Slew Rate control function)
SR1
SR0
Rise/Fall Time (Typ)
1
1
140ps
1
0
130ps
0
1
120ps
0
0
110ps
Test Setup Condition
VDD = 3.3V, Ambient temperture 25°C
Rise/Fall time is from 20% to 80% on Rising/Falling edge
Date rate: 620 Mbps
Input: 1V differential peak-to-peak clock pattern
Equalization : 3dB
Table 1: OE Pin Description
OE#
Device State
Comments
Asserted (low voltage)
Differential input buffers and output buffers
enabled. Input impedance = 50Ω
Normal functioning state for IN_D to OUT_D
level shifting function.
Unasserted (high voltage)
Low-power state.
à
Differential input buffers and termination
are disabled.
à
Differential inputs are in a high
impedance state.
à
OUT_D level-shifting outputs are
disabled.
à
OUT_D level-shifting outputs are in high
impedance state.
à
Internal bias currents are turned off.
Intended for lowest power condition when:
à
No display is plugged in or
à
The level shifted data path is disabled
HPD_SINK input and HPD_SOURCE
output are not affected by OE# SCL_
SOURCE, SCL_SINK, SDA_SOURCE
and SDA_SINK signals and functions
are not affected by OE#
11-0084



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com