Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LSR Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI3VDP411LSR
Description  Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3VDP411LSR Datasheet(HTML) 3 Page - Diodes Incorporated

  PI3VDP411LSR Datasheet HTML 1Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 2Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 3Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 4Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 5Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 6Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 7Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 8Page - Diodes Incorporated PI3VDP411LSR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.pericom.com
PS9060A
08/23/11
PI3VDP411LSR
Dual Mode DisplayPort™ to DVI/HDMI™ Electrical Bridge (Level Shifter)
Pin
Name
I/O Type
Descriptions
1, 5, 12, 18, 24, 27,
31, 36, 37, 43
GND
POWER
GROUND
2, 11, 15, 21, 26, 33,
40, 46
VDD
POWER
POWER, 3.3V ±10%
3
SR0
I
Slew Rate Control. Acceptable connections to SR0 pin are: resistor
to 3.3V or short to GND. (internal 200KΩ pull-LOW)
4
SR1
I
Slew Rate Control. Acceptable connections to SR1 pin are: resistor
to 3.3V or short to GND. (internal 200KΩ pull-LOW)
6, 10, 34, 35
NC
O
No Connect
7
HPD_SOURCE
O
HPD_SOURCE: 0V to 3.3V (nominal) output signal. HPD_Sink
input can be as high as 5V and then HPD_Source will output no
higher than 3.3V.
8
SDA_SOURCE
I/O
3.3V DDC Data I/O. Pulled up by external termination to 3.3V.
Connected to SDA_SINK through voltage limiting integrated
NMOS passgate.
9
SCL_SOURCE
I/O
3.3V DDC Data I/O. Pulled up by external termination to 3.3V.
Connected to SCL_SINK through voltage-limiting integrated
NMOS passgate
13
OUT_D4+
O
HDMI 1.3 compliant TMDS output. OUT_D4+ makes a differential
output signal with OUT_D4-.
14
OUT_D4-
O
HDMI 1.3 compliant TMDS output. OUT_D4- makes a differential
output signal with OUT_D4+
16
OUT_D3+
O
HDMI 1.3 compliant TMDS output. OUT_D3+ makes a differential
output signal with OUT_D3-.
17
OUT_D3-
O
HDMI 1.3 compliant TMDS output. OUT_D3- makes a differential
output signal with OUT_D3+
19
OUT_D2+
O
HDMI 1.3 compliant TMDS output. OUT_D2+ makes a differential
output signal with OUT_D2-.
20
OUT_D2-
O
HDMI 1.3 compliant TMDS output. OUT_D2- makes a differential
output signal with OUT_D2+
22
OUT_D1+
O
HDMI 1.3 compliant TMDS output. OUT_D1+ makes a differential
output signal with OUT_D1-.
23
OUT_D1-
O
HDMI 1.3 compliant TMDS output. OUT_D1- makes a differential
output signal with OUT_D1+
25
OE#
I
Enable for IN_Dx to OUT_Dx level shifter path.
OE#
IN_D Termination
OUT_D Outputs
1
> 100KΩ
High-Z
0
50Ω
Active
28
SCL_SINK
I/O
5V DDC Clock I/O. Pulled up by external termination to 5V.
Connected to SCL_SOURCE through voltage limiting integrated
NMOS passgate.
11-0084



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com