Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IM700IPW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC18IM700IPW
Description  Master I-2C - bus controller with UART interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IM700IPW Datasheet(HTML) 4 Page - NXP Semiconductors

  SC18IM700IPW Datasheet HTML 1Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 2Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 3Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 4Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 5Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 6Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 7Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 8Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SC18IM700_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 28 February 2006
4 of 21
Philips Semiconductors
SC18IM700
Master I2C-bus controller with UART interface
7.
Functional description
The SC18IM700 is a bridge between a UART port and I2C-bus. The UART interface
consists of a full-functional advanced UART. The UART communicates with the host
through the TX and RX pins. The serial data format is fixed: one start bit, 8 data bits, and
one stop bit. After reset the baud rate defaults to 9600 bit/s, and can be changed through
the Baud Rate Generator (BRG) registers.
After a power-up sequence or a hardware reset, the SC18IM700 will send two continuous
bytes to the host to indicate a start-up condition. These two bytes are 0x4F and 0x4B;
‘OK’ in ASCII.
7.1 UART message format
The host initiates an I2C-bus data transfer, reads from and writes to SC18IM700 internal
registers through a series of ASCII commands. Table 3 lists the ASCII commands
supported by SC18IM700, and also their hexadecimal value representation.
Unrecognized commands are ignored by the device.
To prevent the host from handing the SC18IM700 due to an unfinished command
sequence, the SC18IM700 has a time-out feature. The delay between any two bytes of
data coming from the host should be less than 655 ms. If this condition is not met, the
SC18IM700 will time-out and clear the receive buffer. The SC18IM700 then starts to wait
for the next command from the host.
7.1.1 Write N bytes to slave device
The host issues the write command by sending an S character followed by an I2C-bus
slave device address, the total number of bytes to be sent, and I2C-bus data which begins
with the first byte (DATA 0) and ends with the last byte (DATA N). The frame is then
terminated with a P character. Once the host issues this command, the SC18IM700 will
access the I2C-bus slave device and start sending the I2C-bus data bytes.
Note that the second byte sent is the I2C-bus device slave address. The least significant
bit (W) of this byte must be set to 0 to indicate this is an I2C-bus write command.
Table 3:
ASCII commands supported by SC18IM700
ASCII command
Hex value
Command function
S
0x53
I2C-bus START
P
0x50
I2C-bus STOP
R
0x52
read SC18IM700 internal register
W
0x57
write to SC18IM700 internal register
I
0x49
read GPIO port
O
0x4F
write to GPIO port
Z
0x5A
power down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com