Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IM700IPW Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SC18IM700IPW
Description  Master I-2C - bus controller with UART interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IM700IPW Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SC18IM700IPW Datasheet HTML 11Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 12Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 13Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 14Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 15Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 16Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 17Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 18Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
SC18IM700_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 28 February 2006
15 of 21
Philips Semiconductors
SC18IM700
Master I2C-bus controller with UART interface
12. Dynamic characteristics
Table 12:
I2C-bus timing characteristics
All the timing limits are valid within the operating supply voltage and ambient temperature range; VDD = 2.4 V to 3.6 V;
Tamb = −40 °C to +85 °C; and refer to VIL and VIH with an input voltage of VSS to VDD.
Symbol
Parameter
Conditions
Standard mode
I2C-bus
Fast mode
I2C-bus
Unit
Min
Max
Min
Max
fSCL
SCL clock frequency
0
100
0
400
kHz
tBUF
bus free time between a STOP and START
condition
4.7
-
1.3
-
µs
tHD;STA
hold time (repeated) START condition
4.0
-
0.6
-
µs
tSU;STA
set-up time for a repeated START condition
4.7
-
0.6
-
µs
tSU;STO
set-up time for STOP condition
4.0
-
0.6
-
µs
tHD;DAT
data hold time
0-0-
ns
tVD;ACK
data valid acknowledge time
-
0.6
-
0.6
µs
tVD;DAT
data valid time
LOW-level
-
0.6
-
0.6
µs
HIGH-level
-
0.6
-
0.6
µs
tSU;DAT
data set-up time
250
-
100
-
ns
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
µs
tHIGH
HIGH period of the SCL clock
4.0
-
0.6
-
µs
tf
fall time of both SDA and SCL signals
-
0.3
-
0.3
µs
tr
rise time of both SDA and SCL signals
-
1
-
0.3
µs
tSP
pulse width of spikes that must be
suppressed by the input filter
-50-50
ns
Fig 17. I2C-bus timing
SDA
SCL
002aab271
tf
S
Sr
P
S
tHD;STA
tLOW
tr
tSU;DAT
tf
tHD;DAT
tHIGH tSU;STA
tHD;STA
tSP
tSU;STO
tr
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com