Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IM700IPW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC18IM700IPW
Description  Master I-2C - bus controller with UART interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IM700IPW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC18IM700IPW Datasheet HTML 7Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 8Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 9Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 10Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 11Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 12Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 13Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 14Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SC18IM700_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 28 February 2006
11 of 21
Philips Semiconductors
SC18IM700
Master I2C-bus controller with UART interface
9.2.2.4
Open-drain output configuration
The open-drain output configuration turns off all pull-ups and only drives the pull-down
transistor of the port driver when the port latch contains a logic 0. To be used as a logic
output, a port configured in this manner must have an external pull-up, typically a resistor
tied to VDD.
An open-drain port pin has a Schmitt triggered input that also has a glitch suppression
circuit.
9.2.3 Programmable I/O pins state register (IOState)
When read, this register returns the actual state of all I/O pins. When written, each
register bit will be transferred to the corresponding I/O pin programmed as output.
9.2.4 I2C-bus address register (I2CAdr)
The contents of the register represents the device’s own I2C-bus address. The most
significant bit corresponds to the first bit received from the I2C-bus after a START
condition. A logic 1 in I2CAdr corresponds to a HIGH level on the I2C-bus, and a logic 0
corresponds to a LOW level on the I2C-bus. The least significant bit is not used, but should
be programmed with a ‘0’.
I2CAdr is not needed for device operation, but should be configured so that its address
does not conflict with an I2C-bus device address used by the bus master.
9.2.5 I2C-bus clock rates (I2CClk)
This register determines the serial clock frequency. The various serial rates are shown in
Table 7. The frequency can be determined using the following formula:
I2CClkH determines the SCL HIGH period, and I2CClkL determines the SCL LOW period.
Fig 16. Open-drain output configuration
002aab883
VSS
pin latch data
GPIO pin
glitch rejection
input data
Table 6:
IOState - Programmable I/O pins state register (address 0x04h) bit description
Bit
Symbol
Description
7:0
IOLevel
Set the logic level on the output pins.
Write to this register:
logic 0 = set output pin to zero
logic 1 = set output pin to one
Read this register returns states of all pins.
bit frequency
7.3728
10
6
×
2
I2CClkH
I2CClkL
+
()
×
---------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com