Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IM700IPW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC18IM700IPW
Description  Master I-2C - bus controller with UART interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IM700IPW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC18IM700IPW Datasheet HTML 5Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 6Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 7Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 8Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 9Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 10Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 11Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 12Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SC18IM700_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 28 February 2006
9 of 21
Philips Semiconductors
SC18IM700
Master I2C-bus controller with UART interface
9.2 Register descriptions
9.2.1 Baud Rate Generator (BRG)
The baud rate generator is an 8-bit counter that generates the data rate for the transmitter
and the receiver. The rate is programmed through the BRG register and the baud rate can
be calculated as follows:
Remark: To calculate the baud rate the values in the BRG registers must first be
converted from hex to decimal.
Remark: For the new baud rate to take effect, both BRG0 and BRG1 must be written in
sequence (BRG0, BRG1) with new values. The new baud rate will be in effect once BRG1
is written.
9.2.2 Programmable port configuration (PortConf1 and PortConf2)
GPIO port 0 to port 7 may be configured by software to one of four types. These are:
quasi-bidirectional, push-pull, open-drain, and input-only. Two bits are used to select the
desired configuration for each port pin. PortConf1 is used to select the configuration for
GPIO3 to GPIO0, and PortConf2 is used to select the configuration for GPIO7 to GPIO4.
A port pin has Schmitt triggered input that also has a glitch suppression circuit.
9.2.2.1
Quasi-bidirectional output configuration
Quasi-bidirectional output type can be used as both an input and output without the need
to reconfigure the port. This is possible because when the port outputs a logic HIGH, it is
weakly driven, allowing an external device to pull the pin LOW. When the pin is driven
LOW, it is driven strongly and able to sink a fairly large current. These features are
somewhat similar to an open-drain output except that there are three pull-up transistors in
the quasi-bidirectional output that serve different purposes.
The SC18IM700 is a 3 V device, but the pins are 5 V tolerant. In quasi-bidirectional mode,
if a user applies 5 V on the pin, there will be a current flowing from the pin to VDD, causing
extra power consumption. Therefore, applying 5 V in quasi-bidirectional mode is
discouraged.
A quasi-bidirectional port pin has a Schmitt triggered input that also has a glitch
suppression circuit.
Baud rate
7.3728
10
6
×
16
BRG1 BRG0
,
()
+
--------------------------------------------------
=
Table 5:
Port configurations
GPIOx.1
GPIOx.0
Port configuration
0
0
quasi-bidirectional output configuration
0
1
input-only configuration
1
0
push-pull output configuration
1
1
open-drain output configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com