Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IM700IPW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SC18IM700IPW
Description  Master I-2C - bus controller with UART interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IM700IPW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SC18IM700IPW Datasheet HTML 4Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 5Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 6Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 7Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 8Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 9Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 10Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 11Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SC18IM700_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 28 February 2006
8 of 21
Philips Semiconductors
SC18IM700
Master I2C-bus controller with UART interface
8.
I2C-bus serial interface
The I2C-bus uses two wires (SDA and SCL) to transfer information between devices
connected to the bus, and it has the following features:
• Bidirectional data transfer between masters and slaves
• Multi-master bus (no central master)
• Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus
• Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus
• Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
A typical I2C-bus configuration is shown in Figure 12. The SC18IM700 device provides a
byte-oriented I2C-bus interface that supports data transfers up to 400 kHz.
9.
Internal registers available
9.1 Register summary
Fig 12. I2C-bus configuration
RPU
002aab801
VDD
SC18IM700
I2C-BUS
DEVICE
I2C-BUS
DEVICE
I2C-bus
SDA
SCL
RPU
Table 4:
Internal registers summary
Register
address
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R/W
General register set
0x00
BRG0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x01
BRG1
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x02
PortConf1
GPIO3.1
GPIO3.0
GPIO2.1
GPIO2.0
GPIO1.1
GPIO1.0
GPIO0.1
GPIO0.0
R/W
0x03
PortConf2
GPIO7.1
GPIO7.0
GPIO6.1
GPIO6.0
GPIO5.1
GPIO5.0
GPIO4.1
GPIO4.0
R/W
0x04
IOState
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
R/W
0x05
reserved
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
-
0x06
I2CAdr
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x07
I2CClkL
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x08
I2CClkH
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x09
I2CTO
TO7
TO6
TO5
TO4
TO3
TO2
TO1
TE
R/W
0x0A
I2CStat
1111
I2CStat[3] I2CStat[2] I2CStat[1] I2CStat[0] R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com