Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IM700IPW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC18IM700IPW
Description  Master I-2C - bus controller with UART interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IM700IPW Datasheet(HTML) 3 Page - NXP Semiconductors

  SC18IM700IPW Datasheet HTML 1Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 2Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 3Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 4Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 5Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 6Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 7Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 8Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SC18IM700_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 28 February 2006
3 of 21
Philips Semiconductors
SC18IM700
Master I2C-bus controller with UART interface
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration for TSSOP16
SC18IM700IPW
GPIO0
GPIO7
GPIO1
GPIO4
RESET
GPIO5
VSS
WAKEUP
GPIO2
VDD
GPIO3
GPIO6
SDA
TX
SCL
RX
002aab798
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2:
Pin description
Symbol
Pin
Type
Description
GPIO0
1
I/O
programmable I/O pin
GPIO1
2
I/O
programmable I/O pin
RESET
3
I
hardware reset input
VSS
4
-
ground
GPIO2
5
I/O
programmable I/O pin
GPIO3
6
I/O
programmable I/O pin
SDA
7
I/O
I2C-bus data pin
SCL
8
O
I2C-bus clock output
RX
9
I
RS-232 receive input
TX
10
O
RS-232 transmit input
GPIO6
11
I/O
programmable I/O pin
VDD
12
-
power supply
WAKEUP
13
I
Wake up SC18IM700 from Power-down mode. Pulling LOW by the
host to wake up the device. A 1 k
Ω resistor must be connected
between VDD and this pin.
GPIO5
14
I/O
programmable I/O pin
GPIO4
15
O
programmable I/O pin
GPIO7
16
O
programmable I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com