Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IM700IPW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC18IM700IPW
Description  Master I-2C - bus controller with UART interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IM700IPW Datasheet(HTML) 1 Page - NXP Semiconductors

  SC18IM700IPW Datasheet HTML 1Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 2Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 3Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 4Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 5Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 6Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 7Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 8Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The SC18IM700 is designed to serve as an interface between the standard UART port of
a microcontroller or microprocessor and the serial I2C-bus; this allows the microcontroller
or microprocessor to communicate directly with other I2C-bus devices. The SC18IM700
can operate as an I2C-bus master. The SC18IM700 controls all the I2C-bus specific
sequences, protocol, arbitration and timing. The host communicates with SC18IM700 with
ASCII messages protocol; this makes the control sequences from the host to the
SC18IM700 become very simple.
2.
Features
s UART host interface
s I2C-bus controller
s Eight programmable I/O pins
s High-speed UART: baud rate up to 460.8 kbit/s
s High-speed I2C-bus: 400 kbit/s
s 16-byte TXFIFO
s 16-byte RXFIFO
s Programmable baud rate generator
s 2.3 V and 3.6 V operation
s Sleep mode (power-down)
s UART message format resembles I2C-bus transaction format
s I2C-bus master functions
s Multi-master capability
s 5 V tolerance on the input pins
s 8 N 1 UART format (8 data bits, no parity bit, 1 stop bit)
s Available in very small TSSOP16 package
3.
Applications
s Enable I2C-bus master support in a system
s I2C-bus instrumentation and control
s Industrial control
s Medical equipment
s Cellular telephones
s Handheld computers
SC18IM700
Master I2C-bus controller with UART interface
Rev. 01 — 28 February 2006
Product data sheet


Similar Part No. - SC18IM700IPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IM700IPW NXP-SC18IM700IPW Datasheet
127Kb / 22P
Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
More results

Similar Description - SC18IM700IPW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87415 NSC-PC87415 Datasheet
374Kb / 42P
PCI-IDE DMA Master Mode Interface Controller
logo
List of Unclassifed Man...
UPD7210C ETC1-UPD7210C Datasheet
72Kb / 2P
GENERAL PURPOSE INTERFACE BUS-INTERFACE CONTROLLER
logo
SMSC Corporation
LPC47S45X SMSC-LPC47S45X Datasheet
1Mb / 259P
Advanced I/O with X-Bus Interface
logo
PLX Technology
PCI9054 PLX-PCI9054 Datasheet
387Kb / 4P
PCI Bus Master I/O Accelerator Chip
logo
Digital Core Design
DI2CM DCD-DI2CM Datasheet
148Kb / 5P
I2C Bus Interface - Master
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
I2C Bus Interface - Master/Slave
logo
SMSC Corporation
LPC47S45X SMSC-LPC47S45X_07 Datasheet
1Mb / 259P
Advanced I/O with X-Bus Interface
logo
NXP Semiconductors
SC18IM700 NXP-SC18IM700 Datasheet
127Kb / 22P
Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
logo
PHOENIX CONTACT
2746391 PHOENIX-2746391 Datasheet
53Kb / 3P
Master protocol chip - IBS UART
logo
Silicon Laboratories
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com