Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP303 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP303
Description  RS232/AppleTalk TM Serial Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP303 Datasheet(HTML) 7 Page - Sipex Corporation

  SP303 Datasheet HTML 1Page - Sipex Corporation SP303 Datasheet HTML 2Page - Sipex Corporation SP303 Datasheet HTML 3Page - Sipex Corporation SP303 Datasheet HTML 4Page - Sipex Corporation SP303 Datasheet HTML 5Page - Sipex Corporation SP303 Datasheet HTML 6Page - Sipex Corporation SP303 Datasheet HTML 7Page - Sipex Corporation SP303 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
75
Corporation
SIGNAL PROCESSING EXCELLENCE
Figure 4. Macintosh™ AppleTalk™ Interface.
the transmit data driver in ApppleTalk™ mode.
Both differential drivers have output signals on
each pin that typically swing
±6V. The peak to
peak differential voltage swing is typically
±12V.
The second driver is used for transmitting the
handshake output signal and can be used as
either a differential driver or single ended. This
particular application required a single–ended
inverting signal for the handshake output signal.
Some Macintosh equipment requires an extra
single–ended inverting receiver which is called
a general purpose input. The GPI receiver is
normally connected to pin 7 on the external 8 pin
connector. This receiver is not available on the
SP303CT.
Since the SP303CT is usually connected to the
outside world, it is suggested that the user place
transient voltage suppression devices on each of
the 1/0 lines to ensure up to
±25kV ESD protec-
tion.
TXD
RTS
RXD
CTS
DTR
RFI FILTER
TXDA–
TXDA+
RXDA+
RXDA–
HSKiA
HSKoA
3
4
5
87
6
1
2
GND
SUPPLY
+5V +12V –12V
VCCVDDVEE
SP303
28
1
15
23
6
5
20
9
10
26
3
2
17
12
14
7
8
SELECT A
SELECT B
13
22
No Connect
RFI FILTER
RFI FILTER
RFI FILTER
RFI FILTER
RFI FILTER
TXD
RTS
RXD
CTS
DTR
RFI FILTER
TXDA–
TXDA+
RXDA+
RXDA–
HSKiA
HSKoA
3
4
5
87
6
1
2
GND
SUPPLY
+5V +12V –12V
VCCVDDVEE
SP303
28
1
15
23
6
5
20
9
10
26
3
2
17
12
14
7
8
SELECT A
SELECT B
13
22
No Connect
RFI FILTER
RFI FILTER
RFI FILTER
RFI FILTER
RFI FILTER
POWER SUPPLY SEQUENCING
There are two requirements for power supply
sequencing for the SP303. The first is that V
DD
is always greater than V
CC. The second is that
when the part is powered up, V
DD must be
applied 20ms before V
CC.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com