Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP303 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP303
Description  RS232/AppleTalk TM Serial Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP303 Datasheet(HTML) 4 Page - Sipex Corporation

  SP303 Datasheet HTML 1Page - Sipex Corporation SP303 Datasheet HTML 2Page - Sipex Corporation SP303 Datasheet HTML 3Page - Sipex Corporation SP303 Datasheet HTML 4Page - Sipex Corporation SP303 Datasheet HTML 5Page - Sipex Corporation SP303 Datasheet HTML 6Page - Sipex Corporation SP303 Datasheet HTML 7Page - Sipex Corporation SP303 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
72
Pin 26 — R
OUTA1 — RXD; TTL output to
UART.
Pin 27 — N.C. — No Connection.
Pin 28 — V
CC — +5V Power Supply.
PIN ASSIGNMENTS — MACINTOSH™
APPLETALK™ MODE
Pin 1 — V
DD — +12V Power Supply.
Pin 2 — R
INA2 — Receive data; received at
UART’s RxD (non–inverted); V
IH = 0.2V;
V
IL = –0.2V; RIN =3kΩ minimum.
Pin 3 — R
INA1 — Receive data; received at
UART’s RxD (inverted); V
IH
= 0.2V;
V
IL = –0.2V; RIN =3kΩ minimum.
Pin 4 — N.C. — No Connection.
Pin 5 — T
OUTA2 — Transmit data; driven from
UART’s TxD (non–inverted); tri–stated when
UART’s RTS is not asserted; V
OH = 3.6V min;
V
OL = –3.6V min; RL = 450Ω.
Pin 6 — T
OUTA1 — Transmit data; driven from
UART’s TxD (inverted); tri–stated when RTS
is not asserted; V
OH = 3.6V min; VOL = –3.6V
min R
L = 450Ω.
Pin 7 — SEL A — Select A; used with Select B
(pin 8) to select operating mode. Logic “0” on
both SEL A and SEL B selects RS-232 mode;
logic “1” on both SEL A and SEL B selects
AppleTalk™ mode.
Pin 8 — SEL B — Select B; used with Select A
(pin 7) to select operating mode. Logic “0” on
both SEL A and SEL B selects RS-232 mode;
logic “1” on both SEL A and SEL B selects
AppleTalk™ mode.
Pin 9— T
OUTB1— Handshake output; driven
from UART’s DTR (inverted) ;V
OH = 3.6V min;
V
OL = –3.6V min; RL = 450Ω.
Pin 10 — T
OUTB2 — Handshake output; driven
from UART’s DTR (non–inverted); V
OH = 3.6V
min; V
OL = –3.6V min; RL = 450Ω.
Pin 11 — N.C. — No Connection.
Pin 12— R
INB1— Handshake input or external
clock; received non–inverted at UART’s CTS
and TRxC; V
IH = 0.2V; VIL = –0.2V; RIN =3kΩ
minimum.
Pin 13 — N.C. — No Connection.
Pin 14 — GND — Signal ground. Connected to
logic and chasis ground.
Pin 15 — V
EE — –12V Power Supply.
Pin 16 — N.C. — No Connection.
Pin 17 — R
OUTB1 — Receive handshake out-
put; connects to UART’s CTS and TRxC.
Pin 18 — N.C. — No Connection.
Pin 19 — T
OUTB2 — Not used in AppleTalk™
mode.
Pin 20 — T
INB1 — Transmit handshake input;
connects to UART’s DTR output.
Pin 21 — N.C. — No Connection.
Pin 22 — TxEN — Transmit data driver enable;
connects to UART’s RTS; transmit data driver
is enabled when this pin is low.
Pin 23 — T
INA1 — Transmit data input; con-
nects to UART’s TxD output.
Pin 24 — N.C. — No Connection.
Pin 25 — N.C. — No Connection.
Pin 26 — R
OUTA1 — Receive data output:
connects to UART’s RxD input.
Pin 27 — N.C. — No Connection.
Pin 28 — V
CC — +5V Power Supply.
FEATURES…
The SP303 is a single chip device that offers
both RS-232 and AppleTalk interfaces. When
configured for RS-232 mode, the SP303 pro-
vides 4 drivers and 4 receivers. When the part is
programmed for AppleTalk mode, the SP303
supports Macintosh–type ports. The mode can
be changed at any time by bringing both the SEL
A and the SEL B pins high for Mac mode, or low
for RS-232 mode.
The RS-232 line driver circuits convert TTL–
logic level inputs into inverted RS-232 output
signals. The RS-232 receivers convert the EIA
RS-232 input signals to inverted TTL output
logic levels. The receivers have voltage hyster-
esis, which helps eliminate spurious output tran-
sitions that might result from low–amplitude
noise voltages during slower-speed signal tran-
sitions.
When the SP303 is programmed for Mac mode,
the transmit data and receive data signals are



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com