Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP303 Datasheet (PDF) - Sipex Corporation

SP303 Datasheet PDF - Sipex Corporation
Part # SP303
Download  SP303 Download
File Size   75.14 Kbytes
Page   8 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description RS232/AppleTalk TM Serial Transceiver

SP303 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP303 Datasheet PDF - Sipex Corporation

Part # SP303
Download  SP303 Click to download

File Size   75.14 Kbytes
Page   8 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description RS232/AppleTalk TM Serial Transceiver

SP303 Datasheet (HTML) - Sipex Corporation


SP303 Product details

DESCRIPTION…

The SP303 is a single chip device that offers both RS-232 and AppleTalk™ interfaces. When configured for RS-232 mode the SP303 has 4 drivers and 4 receivers. When the part is programmed for AppleTalk mode, the SP303 supports Macintosh–type ports. All drivers and receivers can operate at data rates up to 1 Mbps. The differential driver used for transmitting data signals is equipped with a tri-state function. The SP303 is available in a 28–pin SOIC package for operation over the commercial temperature range.



■ Single chip serial transceiver supports AppleTalk™ or RS-232 interface

■ Programmable Selection of Interface

■ 4 RS-232 Drivers and 4 RS-232 Receivers

■ Provides Macintosh™ type interface

■ ±30V Receiver Input Levels

■ Surface Mount Packaging



 




Similar Part No. - SP303

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3030 LITTELFUSE-SP3030 Datasheet
1Mb / 4P
SP3030 Series 0.5pF 20kV Unidirectional Discrete TVS
SP3030-01ETG LITTELFUSE-SP3030-01ETG Datasheet
1Mb / 4P
SP3030 Series 0.5pF 20kV Unidirectional Discrete TVS
logo
SeCoS Halbleitertechnol...
SP3030R SECOS-SP3030R Datasheet
287Kb / 2P
30.0AMP Schottky Barrier Rectifiers
logo
Littelfuse
SP3031 LITTELFUSE-SP3031 Datasheet
1Mb / 4P
The SP3031 includes low capacitance rail to rail diodes with an additional Zener diode to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).
SP3031-01ETG LITTELFUSE-SP3031-01ETG Datasheet
1Mb / 4P
SP3031 Series 0.8pF 10kV Unidirectional Discrete TVS
More results


Similar Description - SP303

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP333 SIPEX-SP333 Datasheet
175Kb / 13P
5V Only RS-232/AppleTalk Programmable Transceiver
logo
Linear Technology
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
Single 5V RS232/RS422/AppleTalk DCE Transceiver
LTC1320 LINER-LTC1320 Datasheet
213Kb / 8P
AppleTalk Transceiver
LTC1323 LINER-LTC1323 Datasheet
284Kb / 12P
Single 5V AppleTalk Transceiver
logo
Maxim Integrated Produc...
MAX216 MAXIM-MAX216 Datasheet
212Kb / 8P
Low-Power AppleTalk Interface Transceiver
19-0112; Rev 0; 3/93
logo
Texas Instruments
SN65HVD61 TI-SN65HVD61 Datasheet
351Kb / 17P
ControlNet TM TRANSCEIVER
logo
Sipex Corporation
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
5V Only RS-232/AppleTalk??Programmable Transceiver
logo
Linear Technology
LTC1320 LINER-LTC1320_15 Datasheet
270Kb / 8P
AppleTalk Transceiver
LTC1323 LINER-LTC1323_15 Datasheet
250Kb / 12P
Single 5V AppleTalk Transceiver
logo
Guangzhou Reicu Electro...
RSM232 REICU-RSM232 Datasheet
6Mb / 1P
RS232 Isolated transceiver module
REV:15.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com