Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP303 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP303
Description  RS232/AppleTalk TM Serial Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP303 Datasheet(HTML) 6 Page - Sipex Corporation

  SP303 Datasheet HTML 1Page - Sipex Corporation SP303 Datasheet HTML 2Page - Sipex Corporation SP303 Datasheet HTML 3Page - Sipex Corporation SP303 Datasheet HTML 4Page - Sipex Corporation SP303 Datasheet HTML 5Page - Sipex Corporation SP303 Datasheet HTML 6Page - Sipex Corporation SP303 Datasheet HTML 7Page - Sipex Corporation SP303 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
74
Figure 3. RS-232 Interface.
SP303CT is usually connected to the outside
world, it is suggested that the user place tran-
sient voltage suppression devices on each of the
I/O lines to ensure up to
±25kV ESD protection.
While the part is programmed for RS-232 mode,
the drivers and receivers can operate up to
200kbps. The RS-232 receiver inputs are ca-
pable of receiving signals up to
±30V. The
Macintosh™ AppleTalk™ mode inputs and
outputs are protected to guard against the situa-
tion where an RS-232 cable is connected to the
port while it is configured for AppleTalk™
mode.
APPLICATION EXAMPLE
MACINTOSH™ APPLETALK™ SERIAL
INTERFACE
Figure 4 shows the SP303CT programmed for
Macintosh™ AppleTalk™ operating mode. In
this mode the SP303CT offers one differential
driver used for transmitting data, one differen-
tial receiver used for receiving data, one single–
ended, non–inverting receiver used to receive a
handshake signal, and one single–ended invert-
ing driver used to transmit a handshake signal.
The differential driver used for transmitting
data can be put into tri–state mode by bringing
the TxEN line high; a low on this pin will enable
the driver output. This function only applies to
GND
SUPPLY
+5V +12V –12V
SELECT
A
B
T1
T2
T3
T4
R1
R2
R3
R4
VCC VDD VEE
SP303
28
1
15
23
6
24
5
20
9
19
10
26
3
27
2
17
12
16
13
14
7
8
TXD
RTS
DCD
DSR
RXD
CTS
DTR
RFI FILTER
TXD
RTS
DCD
DSR
RXD
CTS
DTR
3
4
5
87
6
1
2
RFI FILTER
RFI FILTER
RFI FILTER
RFI FILTER
RFI FILTER
RFI FILTER
GND
SUPPLY
+5V +12V –12V
SELECT
A
B
T1
T2
T3
T4
R1
R2
R3
R4
VCC VDD VEE
SP303
28
1
15
23
6
24
5
20
9
19
10
26
3
27
2
17
12
16
13
14
7
8
TXD
RTS
DCD
DSR
RXD
CTS
DTR
RFI FILTER
TXD
RTS
DCD
DSR
RXD
CTS
DTR
3
4
5
87
6
1
2
RFI FILTER
RFI FILTER
RFI FILTER
RFI FILTER
RFI FILTER
RFI FILTER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com