Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP303 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP303
Description  RS232/AppleTalk TM Serial Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP303 Datasheet(HTML) 5 Page - Sipex Corporation

  SP303 Datasheet HTML 1Page - Sipex Corporation SP303 Datasheet HTML 2Page - Sipex Corporation SP303 Datasheet HTML 3Page - Sipex Corporation SP303 Datasheet HTML 4Page - Sipex Corporation SP303 Datasheet HTML 5Page - Sipex Corporation SP303 Datasheet HTML 6Page - Sipex Corporation SP303 Datasheet HTML 7Page - Sipex Corporation SP303 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
73
Corporation
SIGNAL PROCESSING EXCELLENCE
GND
SUPPLY
+5V +12V –12V
SELECT
A
B
T1
T2
T3
T4
R1
R2
R3
R4
VCC VDD VEE
TINA1
TINA2
TINB1
TINB2
TOUTA2
TOUTA1
RINA1
ROUTA1
ROUTA2
ROUTB1
ROUTB2
TOUTB2
TOUTB1
RINA2
RINB1
RINB2
SP303
28
1
15
23
6
24
5
20
9
19
10
26
3
27
2
17
12
16
13
14
78
Figure 1. RS232 Operating Mode
to offer more flexible interface capabilities with-
out additional material costs.
The SP303 is available in a 28–pin SOIC pack-
age for operation over the commercial tempera-
ture range.
APPLICATION EXAMPLE
RS-232 MODE SERIAL INTERFACE
Figure 3 shows the SP303CT used in a dual
serial port application which allows both
RS-232 and Macintosh™ AppleTalk™ Mode
interfaces. With SEL A and SEL B low, the port
can be configured for RS-232. In this mode, the
SP303CT is set up for 4 drivers and 4 receivers.
The transmitter enable pin (pin22) has no effect
in this mode.
The RFI filters shown are optional depending
upon the FCC requirements of the system. The
SP303CT has internal slew rate limiting, which
keeps the RS-232 slew rate <30V/
µs. Since the
Figure 2. Macintosh™ AppleTalk™ Operating Mode
differential, while the handshake-out and hand-
shake-in signals are single–ended. The SP303
does not have the extra GPI (General Purpose
Input). All drivers and receivers can operate at
data rates up to 1 Mbps. The differential driver
used for transmitting data signals is equipped
with a tri-state function. When the TxEN pin is
brought low, the differential driver is enabled;
when it is high, the driver outputs are tri–stated.
The tri–state function does not affect any other
driver in either mode of operation.
One SP303 can significantly reduce the board
space necessary for a similar discrete solution
offering both RS-232 and AppleTalk interfaces.
Due to the space savings, the SP303 can provide
multi-mode interfacing to equipment such as
printers or modems without sacrificing addi-
tional board space or cost. This allows the OEM
TXEN
GND
SUPPLY
+5V +12V –12V
T1
T2
R1
VCC VDD VEE
TINA1
TINB1
TOUTA2
TOUTA1
RINA1
ROUTA1
TOUTB2
TOUTB1
RINA2
RINB1
SP303
28
1
15
23
5
6
20
9
10
26
3
2
17
12
14
7
8
SELECT A
SELECT B
13
22
ROUTB1
R2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com