Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP303 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP303
Description  RS232/AppleTalk TM Serial Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP303 Datasheet(HTML) 3 Page - Sipex Corporation

  SP303 Datasheet HTML 1Page - Sipex Corporation SP303 Datasheet HTML 2Page - Sipex Corporation SP303 Datasheet HTML 3Page - Sipex Corporation SP303 Datasheet HTML 4Page - Sipex Corporation SP303 Datasheet HTML 5Page - Sipex Corporation SP303 Datasheet HTML 6Page - Sipex Corporation SP303 Datasheet HTML 7Page - Sipex Corporation SP303 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
71
Corporation
SIGNAL PROCESSING EXCELLENCE
PINOUT
PIN ASSIGNMENTS – RS232 MODE
Pin 1 — V
DD — +12V Power Supply.
Pin 2 — R
INA2 — DSR; RS-232 input.
Pin 3 — R
INA1 — RXD; RS-232 input.
Pin 4 — N.C. — No Connection.
Pin 5 — T
OUTA2 — RTS; RS-232 output.
Pin 6 — T
OUTA1 — TXD; RS-232 output.
Pin 7 — SEL A — Select A; used with Select B
(pin 8) to select operating mode. Logic “0” on
both SEL A and SEL B selects RS-232 mode;
logic “1” on both SEL A and SEL B selects
AppleTalk™ mode.
Pin 8 — SEL B — Select B; used with Select A
(pin 7) to select operating mode. Logic “0” on
both SEL A and SEL B selects RS-232 mode;
logic “1” on both SEL A and SEL B selects
AppleTalk™ mode.
Pin 9— T
OUTB1— DTR; RS-232 output.
Pin 10 — T
OUTB2 — Rl; RS-232 output.
Pin 11 — N.C. — No Connection.
Pin 12— R
INB1— CTS; RS-232 input.
Pin 13 — N.C. — No Connection.
Pin 14 — GND — Signal ground. Connected to
logic and chasis ground.
Pin 15 — V
EE — –12V Power Supply.
Pin 16 — N.C. — No Connection.
Pin 17 — R
OUTB1 — CTS; TTL Output to
UART.
Pin 18 — N.C. — No Connection.
Pin 19 — T
OUTB2 — Rl;
TTL input from
UART.
Pin 20 — T
INB1 — DTR; TTL
input from
UART.
Pin 21 — N.C. — No Connection.
Pin 22 — TxEN — Transmit Enable; Only
functional in Mac Mode.
Pin 23 — T
INA1 — TXD; TTL
input from
UART.
Pin 24 — N.C. — No Connection.
Pin 25 — N.C. — No Connection.
SPECIFICATIONS
(T
MIN ≤TA ≤TMAX and nominal supply voltages unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
ENVIRONMENTAL AND MECHANICAL
Operating Temperature
0
+70
°C
Storage Temperature
–65
+150
°C
Package
28–pin SOIC
Note:
1.
RS-232 Mode, SELA = SELB = GND.
2.
V
OUT from +3V to –3V or –3V to +3V.
3.
Macintosh™ AppleTalk™ Mode, SELA = SELB = +5V.
4.
Leakage current specification applies to both TxDO– and TxDO+; T
A=+25°C only.
5.
From 10% to 90% of steady state.
6.
This is an absolute maximum rating. Normal operating levels are V
IN ≤ 5V.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VDD
RINA2
RINA1
N.C.
TOUTA2
TOUTA1
SELECTA
SELECTB
TOUTB1
TOUTB2
N.C.
RINB1
RINB2
GND
VCC
ROUTA2
ROUTA1
N.C.
TINA2
TINA1
TXEN
N.C.
TINB1
TINB2
N.C.
ROUTB1
ROUTB2
VEE
SP303



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com