Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP303 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP303
Description  RS232/AppleTalk TM Serial Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP303 Datasheet(HTML) 1 Page - Sipex Corporation

  SP303 Datasheet HTML 1Page - Sipex Corporation SP303 Datasheet HTML 2Page - Sipex Corporation SP303 Datasheet HTML 3Page - Sipex Corporation SP303 Datasheet HTML 4Page - Sipex Corporation SP303 Datasheet HTML 5Page - Sipex Corporation SP303 Datasheet HTML 6Page - Sipex Corporation SP303 Datasheet HTML 7Page - Sipex Corporation SP303 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
69
Corporation
SIGNAL PROCESSING EXCELLENCE
DESCRIPTION…
The SP303 is a single chip device that offers both RS-232 and AppleTalk™ interfaces. When
configured for RS-232 mode the SP303 has 4 drivers and 4 receivers. When the part is
programmed for AppleTalk mode, the SP303 supports Macintosh–type ports. All drivers and
receivers can operate at data rates up to 1 Mbps. The differential driver used for transmitting data
signals is equipped with a tri-state function. The SP303 is available in a 28–pin SOIC package
for operation over the commercial temperature range.
s Single chip serial transceiver supports
AppleTalkTM or RS-232 interface
s Programmable Selection of Interface
s 4 RS-232 Drivers and 4 RS-232
Receivers
s Provides MacintoshTM type interface
s
±30V Receiver Input Levels
s Surface Mount Packaging
SP303
RS232/AppleTalk™ Serial Transceiver
GND
VCC
+5V INPUT
VDD
+12V INPUT
VEE
–12V INPUT
SELECT
A
B
TINB1 TINB2 TINA1 TINA2
TOUTB2
TOUTB1
TXEN
T1
T2
T3
T4
R1
R2
R3
R4
RINA1
ROUTA1 ROUTA2 ROUTB1 ROUTB2
SP303
TOUTA2
TOUTA1
RINA2
RINB1 RINB2
Corporation
SIGNAL PROCESSING EXCELLENCE


Similar Part No. - SP303

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3030 LITTELFUSE-SP3030 Datasheet
1Mb / 4P
SP3030 Series 0.5pF 20kV Unidirectional Discrete TVS
SP3030-01ETG LITTELFUSE-SP3030-01ETG Datasheet
1Mb / 4P
SP3030 Series 0.5pF 20kV Unidirectional Discrete TVS
logo
SeCoS Halbleitertechnol...
SP3030R SECOS-SP3030R Datasheet
287Kb / 2P
30.0AMP Schottky Barrier Rectifiers
logo
Littelfuse
SP3031 LITTELFUSE-SP3031 Datasheet
1Mb / 4P
The SP3031 includes low capacitance rail to rail diodes with an additional Zener diode to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).
SP3031-01ETG LITTELFUSE-SP3031-01ETG Datasheet
1Mb / 4P
SP3031 Series 0.8pF 10kV Unidirectional Discrete TVS
More results

Similar Description - SP303

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP333 SIPEX-SP333 Datasheet
175Kb / 13P
5V Only RS-232/AppleTalk Programmable Transceiver
logo
Linear Technology
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
Single 5V RS232/RS422/AppleTalk DCE Transceiver
LTC1320 LINER-LTC1320 Datasheet
213Kb / 8P
AppleTalk Transceiver
LTC1323 LINER-LTC1323 Datasheet
284Kb / 12P
Single 5V AppleTalk Transceiver
logo
Maxim Integrated Produc...
MAX216 MAXIM-MAX216 Datasheet
212Kb / 8P
Low-Power AppleTalk Interface Transceiver
19-0112; Rev 0; 3/93
logo
Texas Instruments
SN65HVD61 TI-SN65HVD61 Datasheet
351Kb / 17P
ControlNet TM TRANSCEIVER
logo
Sipex Corporation
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
5V Only RS-232/AppleTalk??Programmable Transceiver
logo
Linear Technology
LTC1320 LINER-LTC1320_15 Datasheet
270Kb / 8P
AppleTalk Transceiver
LTC1323 LINER-LTC1323_15 Datasheet
250Kb / 12P
Single 5V AppleTalk Transceiver
logo
Guangzhou Reicu Electro...
RSM232 REICU-RSM232 Datasheet
6Mb / 1P
RS232 Isolated transceiver module
REV:15.4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com