Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDT2020DF Datasheet(PDF) 7 Page - Micon Design Technology Corporation

Part # MDT2020DF
Description  8-bit micro-controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2020DF Datasheet(HTML) 7 Page - Micon Design Technology Corporation

Back Button MDT2020DF Datasheet HTML 3Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 4Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 5Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 6Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 7Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 8Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 9Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 10Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 11Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MDT2020(DF)
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 6
2005/6
VER 1.3
8. Instruction Set
Instruction Code
Mnemonic
Operands
Function
Operating
Status
010000 00000000 NOP
No operation
None
010000 00000001 CLRWT
Clear Watchdog timer
0→WT
TF, PF
010000 00000010 SLEEP
Sleep mode
0→WT,stop OSC
TF, PF
010000 00000011 TMODE
Load W to TMODE register
W→TMODE
None
010000 00000100 RET
Return
Stack→PC
None
010000 00000rrr
CPIO
R
Control I/O port register
W→CPIO
r
None
010001 1rrrrrrr
STWR
R
Store W to register
W→R
None
011000 trrrrrrr
LDR R, t
Load register
R→t
Z
111010 iiiiiiii
LDWI
I
Load immediate to W
I→W
None
010111 trrrrrrr
SWAPR R,t Swap halves register
[R(0~3)
↔
R(4~7)]→t
None
011001 trrrrrrr
INCR
R,t
Increment register
R + 1→t
Z
011010 trrrrrrr
INCRSZ R,
Increment register,skip if
zero
R + 1→t
None
011011 trrrrrrr
ADDWR R,t Add W and register
W + R→t
C,HC,Z
011100 trrrrrrr
SUBWR R,t Subtract W from register
R ﹣W→t
(R+/W+1→t)
C,HC,Z
011101 trrrrrrr
DECR R,t
Decrement register
R ﹣1→t
Z
011110 trrrrrrr
DECRSZ
R,t
Decrement register,
skip if zero
R ﹣1→t
None
010010 trrrrrrr
ANDWR R,t AND W and register
R ∩ W→t
Z
110100 iiiiiiii
ANDWI I
AND W and immediate
I ∩ W→W
Z
010011 trrrrrrr
IORWR R,t
Inclu. OR W and register
R ∪ W→t
Z
110101 iiiiiiii
IORWI I
Inclu. OR W and immediate
I ∪ W→W
Z
010100 trrrrrrr
XORWR R,t Exclu. OR W and register
R ♁ W→t
Z
110110 iiiiiiii
XORWI I
Exclu. OR W and immediate I ♁ W→W
Z
011111 trrrrrrr
COMR R, t Complement register
/R→t
Z
010110 trrrrrrr
RRR R,t
Rotate right register
R(n)→R(n-1),
C→R(7) R(0)→C
C
010101 trrrrrrr
RLR
R, t
Rotate left register
R(n)→(n+1),
C→R(0) R(7)→C
C
010000 1xxxxxxx
CLRW
Clear working register
0→W
Z
010001 0rrrrrrr
CLRR
R
Clear register
0→R
Z
0000bb brrrrrrr
BCR
R, b Bit clear
0→R(b)
None
0010bb brrrrrrr
BSR
R, b
Bit set
1→R(b)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com