Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDT2020DF Datasheet(PDF) 9 Page - Micon Design Technology Corporation

Part # MDT2020DF
Description  8-bit micro-controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2020DF Datasheet(HTML) 9 Page - Micon Design Technology Corporation

Back Button MDT2020DF Datasheet HTML 5Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 6Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 7Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 8Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 9Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 10Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 11Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 12Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 13Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MDT2020(DF)
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 8
2005/6
VER 1.3
*Threshold Voltage :
Port A, Port B, Port C Vth=1.5 V
RTCC, /MCLR Vil=1.3 V, Vih=3.0 V (Schmitt Trigger)
(C) Output Voltage
@ Vdd=5.0 V, Temperature=25 ℃, the typical value as followings :
PA, PB, PC Port
Ioh=-20.0 mA
Voh=3.8 V
Iol=20.0 mA
Vol=0.5 V
Ioh=-5.0 mA
Voh=4.6 V
Iol=5.0 mA
Vol=0.13 V
(D) Leakage Current
@ Vdd=5.0 V, Temperature=25 ℃, the typical value as followings :
Iil
- 0.1
µA (Max.)
Iih
+ 0.1
µA (Max.)
(E) Sleep Current
@WDT-Disable, Temperature=25 ℃, the typical value as followings :
Vdd=2.3 V
Idd<0.1
µA
Vdd=3.0 V
Idd<0.1
µA
Vdd=4.0 V
Idd<0.1
µA
Vdd=5.0 V
Idd<0.1
µA
Vdd=5.5 V
Idd=0.3
µA
@WDT-Enable, Temperature=25 ℃, the typical value as followings :
Vdd=2.3 V
Idd<1.0
µA
Vdd=3.0 V
Idd=4.0
µA
Vdd=4.0 V
Idd=10.0
µA
Vdd=5.0 V
Idd=19.0
µA
Vdd=5.5 V
Idd=35.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com