Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDT2020DF Datasheet(PDF) 12 Page - Micon Design Technology Corporation

Part # MDT2020DF
Description  8-bit micro-controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2020DF Datasheet(HTML) 12 Page - Micon Design Technology Corporation

Back Button MDT2020DF Datasheet HTML 8Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 9Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 10Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 11Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 12Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 13Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 14Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 15Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 16Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MDT2020(DF)
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 11
2005/6
VER 1.3
(G) Power Edge-detector Reset Voltage (Not in Sleep Mode), @ Vdd=5.0 V
Vpr≦1.1~1.3 V
Vpr ﹕Vdd (Power Supply)
(H) The basic WDT time-out cycle time
@Temperature=25 ℃, the typical value as followings :
Vdd =5.0 V, Temperature=25℃,the typical value as followings:
Voltage (V)
Basic WDT time-out cycle time (ms)
2.3
28.0
3.0
25.0
4.0
21.5
5.0
19.5
5.5
18.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com