Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDT2020DF Datasheet(PDF) 11 Page - Micon Design Technology Corporation

Part # MDT2020DF
Description  8-bit micro-controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2020DF Datasheet(HTML) 11 Page - Micon Design Technology Corporation

Back Button MDT2020DF Datasheet HTML 7Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 8Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 9Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 10Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 11Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 12Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 13Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 14Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 15Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MDT2020(DF)
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 10
2005/6
VER 1.3
(ii) OSC Type=LF (C=20 p); WDT-Disable
Voltage/Frequency
32 K
455 K
1 M
Sleep
2.3 V
2.8
µA
X
@2.6V
65
µA
<0.1
µA
3.0 V
5.0
µA
36.0
µA
60.0
µA
<0.1
µA
4.0 V
11.0
µA
63.0
µA
100.0
µA
<0.1
µA
5.0 V
28.0
µA
100.0
µA
150.0
µA
<0.1
µA
5.5 V
52.0
µA
130.0
µA
179.0
µA
0.3
µA
(iii) OSC Type=XT (C=20 p); WDT-Enable
Voltage/Frequency
1 M
4 M
10 M
Sleep
2.1 V
60.0
µA
150.0
µA
350.0
µA
<1.0
µA
3.0 V
120.0
µA
280.0
µA
590.0
µA
4.0
µA
4.0 V
260.0
µA
500.0
µA
950.0
µA
10.0
µA
5.0 V
450.0
µA
740.0
µA
1.50 mA
19.0
µA
5.5 V
524.0
µA
890.0
µA
2.00 mA
35.0
µA
(iv) OSC Type=HF (C=10 p); WDT-Enable
Voltage/Frequency
4 M
10 M
20 M
Sleep
2.1 V
150.0
µA
350.0
µA
630.0
µA
<1.0
µA
3.0 V
330.0
µA
940.0
µA
1.10 mA
4.0
µA
4.0 V
575.0
µA
1.10 mA
1.70 mA
10.0
µA
5.0 V
900.0
µA
1.60 mA
2.60 mA
19.0
µA
5.5 V
1.00 mA
1.80 mA
2.85 mA
35.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com