Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDT2020DF Datasheet(PDF) 3 Page - Micon Design Technology Corporation

Part # MDT2020DF
Description  8-bit micro-controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2020DF Datasheet(HTML) 3 Page - Micon Design Technology Corporation

  MDT2020DF Datasheet HTML 1Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 2Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 3Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 4Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 5Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 6Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 7Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 8Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MDT2020(DF)
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 2
2005/6
VER 1.3
6. Memory Map
(A) Register Map
Address
Description
00
Indirect Addressing Register
01
RTCC
02
PC
03
STATUS
04
MSR
05
Port A
06
Port B
07
Port C
08~0F
Internal RAM, General Purpose Register
10~1F
Internal Memory Select Register
30~3F
Internal Memory Select Register
50~5F
Internal Memory Select Register
70~7F
Internal Memory Select Register
(1) IAR ( Indirect Address Register) : R0
(2) RTCC (Real Time Counter/Counter Register) : R1
(3) PC (Program Counter) : R2
Write PC, CALL --- always 0
LJUMP, JUMP, LCALL --- from instruction word
RTWI, RET --- from STACK
A10
A9
A8
A7~A0
Write PC, JUMP, CALL --- from STATUS b6 b5
LJUMP, LCALL --- from instruction word
RTWI, RET --- from STACK
Write PC --- from ALU
LJUMP, JUMP, LCALL, CALL --- from instruction word
RTWI, RET --- from STACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com