Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDT2020DF Datasheet(PDF) 16 Page - Micon Design Technology Corporation

Part # MDT2020DF
Description  8-bit micro-controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2020DF Datasheet(HTML) 16 Page - Micon Design Technology Corporation

Back Button MDT2020DF Datasheet HTML 8Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 9Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 10Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 11Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 12Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 13Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 14Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 15Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 16Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
MDT2020(DF)
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 15
2005/6
VER 1.3
13. External Capacitor Selection For Crystal Oscillator
@ Vdd=3.0 V~ 5.0 V
Osc. Type
Resonator Freq.
C1
C2
20 MHz
5 pF ~10 pF
10 pF~30 pF
HF
10 MHz
10 pF ~50 pF
20 pF ~100 pF
4 MHz
10 pF ~50 pF
20 pF ~100 pF
10 MHz
10 pF ~30 pF
10 pF ~50 pF
XT
4 MHz
10 pF ~50 pF
20 pF ~100 pF
1 MHz
10 pF ~30 pF
20 pF ~50 pF
1 MHz
3 pF ~5 pF
3 pF ~5 pF
LF
455 K
10 pF ~30 pF
20 pF ~50 pF
32 K
10 pF ~20 pF
15 pF ~30 pF
MDT2020
OSC1
OSC2
C1
C2
To increase the stability of oscillator and the ability of anti-noise, the above values of the external
capacitor range can be recommended for reference, but the higher capacitance also increases
the start-up time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com