Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDT2020DF Datasheet(PDF) 1 Page - Micon Design Technology Corporation

Part # MDT2020DF
Description  8-bit micro-controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2020DF Datasheet(HTML) 1 Page - Micon Design Technology Corporation

  MDT2020DF Datasheet HTML 1Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 2Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 3Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 4Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 5Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 6Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 7Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 8Page - Micon Design Technology Corporation MDT2020DF Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MDT2020(DF)
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 1
2005/6
VER 1.3
1. General Description
This EPROM-Based 8-bit micro-controller
uses a fully static CMOS design technology
combines higher speed and smaller size with
the low power and high noise immunity of
CMOS.
On chip memory system includes 2.0 K bytes
of ROM, and 80 bytes of static RAM.
2. Features
The followings are some of the features on
the hardware and software :
u Fully CMOS static design
u 8-bit data bus
u On chip ROM size : 2 K words
u Internal RAM size : 80 bytes
(72 general purpose, 8 special registers)
u 36 single word instructions
u 14-bit instructions
u 2-level stacks
u Operating voltage : 2.3 V ~ 5.5 V
u Operating frequency : 0 ~ 20 MHz
u The most fast execution time is 200 ns
under 20 MHz in all single cycle
instructions
except
the
branch
instruction.
u Addressing modes include direct,
indirect and relative addressing modes
u Power-on Reset
u Power Edge-detector Reset
u Sleep mode for power saving
u 4 oscillator start-up time :
150
µs, 20 ms, 40 ms, 80 ms
u 8-bit real time clock/counter(RTCC) with
8-bit programmable prescaler
u 4 types of oscillator can be selected by
code options :
RC-Low cost RC oscillator
LFXT-Low frequency crystal oscillator
XTAL-Standard crystal oscillator
HFXT-High frequency crystal oscillator
u On-chip RC oscillator based Watchdog
Timer(WDT) can be operated freely
u 20 I/O pins with their own independent
direction control
3. Applications
The application areas of this MDT2020
range from appliance motor control and high
speed automotive to low power remote
transmitters/receivers, pointing devices, and
telecommunications processors, such as
Remote
controller,
small
instruments,
chargers,
toy,
automobile
and
PC
peripheral … etc.


Similar Part No. - MDT2020DF

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT2020FF MDTIC-MDT2020FF Datasheet
234Kb / 16P
8-bit micro-controller
More results

Similar Description - MDT2020DF

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com