Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8500 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 17Page - National Semiconductor (TI) DP8500 Datasheet HTML 18Page - National Semiconductor (TI) DP8500 Datasheet HTML 19Page - National Semiconductor (TI) DP8500 Datasheet HTML 20Page - National Semiconductor (TI) DP8500 Datasheet HTML 21Page - National Semiconductor (TI) DP8500 Datasheet HTML 22Page - National Semiconductor (TI) DP8500 Datasheet HTML 23Page - National Semiconductor (TI) DP8500 Datasheet HTML 24Page - National Semiconductor (TI) DP8500 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
50 Port A Wait State Support (Continued)
54 DYNAMICALLY INCREASING THE NUMBER OF
WAIT STATES
The user can increase the number of positive edges of CLK
before DTACK is asserted or WAIT is negated With the
input WAITIN asserted the user can delay DTACK asserting
or WAIT negating either one or two more positive edges of
CLK The number of edges is programmed through address
bit R6 If the user is increasing the number of positive edges
in a delay that contains a negative level the positive edges
will be met before the negative level For example if the user
programmed DTACK of
T
asserting WAITIN
pro-
grammed as 2T would increase the number of positive edg-
es resulting in DTACK of 2
T as shown in
Figure 19 Simi-
larly WAITIN can increase the number of positive edges in
a pageburst access WAITIN can be permanently asserted
in systems requiring an increased number of wait states
WAITIN can also be asserted and negated depending on
the type of access As an example a user could invert the
WRITE line from the CPU and connect the output to
WAITIN This could be used to perform write accesses with
1 wait state and read accesses with 2 wait states as shown
in
Figure 20
55 GUARANTEEING RAS LOW TIME AND RAS
PRECHARGE TIME
The DP8520A21A22A will guarantee RAS precharge time
between accesses between refreshes and between ac-
cess and refreshes The programming bits R0 and R1 are
used to program combinations of RAS precharge time and
RAS low time referenced by positive edges of CLK RAS
low time is programmed for refreshes only During an ac-
cess the system designer guarantees the time RAS is as-
serted through the DP8520A21A22A wait logic Since in-
serting wait states into an access increases the length of
the CPU signals which are used to create ADS or ALE and
AREQ the time that RAS is asserted can be guaranteed
Precharge time is also guaranteed by the DP8520A21A
22A Each RAS output has a separate positive edge of CLK
counter AREQ is negated setup to a positive edge of CLK
to terminate the access That positive edge is 1T The next
positive edge is 2T RAS will not be asserted until the pro-
grammed number of positive edges of CLK have passed as
shown in
Figure 21 Once the programmed precharge time
has been met RAS will be asserted from the positive edge
of CLK However since there is a precharge counter per
RAS an access using another RAS will not be delayed
Precharge time before a refresh is always referenced from
the access RAS negating before RAS0 for the refresh as-
serting After a refresh precharge time is referenced from
RAS3 negating for the refresh to the access RAS assert-
ing
TLF9338 – 75
FIGURE 19 WAITIN Example (DTACK is Sampled at the ‘‘T3’’ Falling Clock Edge)
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com