Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8500 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 47Page - National Semiconductor (TI) DP8500 Datasheet HTML 48Page - National Semiconductor (TI) DP8500 Datasheet HTML 49Page - National Semiconductor (TI) DP8500 Datasheet HTML 50Page - National Semiconductor (TI) DP8500 Datasheet HTML 51Page - National Semiconductor (TI) DP8500 Datasheet HTML 52Page - National Semiconductor (TI) DP8500 Datasheet HTML 53Page - National Semiconductor (TI) DP8500 Datasheet HTML 54Page - National Semiconductor (TI) DP8500 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
150 AC Timing Parameters DP8520ADP8521ADP8522A (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18 VRAMs
per bank including trace capacitance (see Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 and 10 or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 and 10
Difference
8520A21A22A-25
Number
Symbol
Parameter Description
CL
CH
Min
Max
Min
Max
50
tD1
(AREQ or AREQB Negated to RAS
Negated) Minus (CLK High to RAS
14
14
Asserted)
51
tD2
(CLK High to Refresh RAS Negated)
11
11
Minus (CLK High to RAS Asserted)
52
tD3a
(ADS Asserted to RAS Asserted
(Mode 1)) Minus (AREQ Negated
4
4
to RAS Negated)
53
tD3b
(CLK High to RAS Asserted (Mode 0))
44
Minus (AREQ Negated to RAS Negated)
54
tD4
(ECAS Asserted to CAS Asserted)
b
77
b
77
Minus (ECAS Negated to CAS Negated)
55
tD5
(CLK to Refresh RAS Asserted) Minus
66
(CLK to Refresh RAS Negated)
56
tD6
(AREQ Negated to RAS Negated)
Minus (ADS Asserted to RAS
10
10
Asserted ((Mode 1))
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com