Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8500 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8500 Datasheet HTML 1Page - National Semiconductor (TI) DP8500 Datasheet HTML 2Page - National Semiconductor (TI) DP8500 Datasheet HTML 3Page - National Semiconductor (TI) DP8500 Datasheet HTML 4Page - National Semiconductor (TI) DP8500 Datasheet HTML 5Page - National Semiconductor (TI) DP8500 Datasheet HTML 6Page - National Semiconductor (TI) DP8500 Datasheet HTML 7Page - National Semiconductor (TI) DP8500 Datasheet HTML 8Page - National Semiconductor (TI) DP8500 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
TLF9338
PRELIMINARY
May 1992
DP8520ADP8521ADP8522A microCMOS Programmable
256k1M4M Video RAM ControllerDrivers
General Description
The DP8520A21A22A video RAM controllers provide a
low cost single chip interface between video RAM and all
8- 16- and 32-bit systems The DP8520A21A22A gener-
ate all the required access control signal timing for VRAMs
An on-chip refresh request clock is used to automatically
refresh the VRAM array Refreshes and accesses are arbi-
trated on chip If necessary a WAIT or DTACK output in-
serts wait states into system access cycles including burst
mode accesses RAS low time during refreshes and RAS
precharge time after refreshes and back to back accesses
are guaranteed through the insertion of wait states Sepa-
rate on-chip precharge counters for each RAS output can
be used for memory interleaving to avoid delayed back to
back accesses because of precharge An additional feature
of the DP8522A is two access ports to simplify dual access-
ing Arbitration among these ports and refresh is done on
chip
Features
Y
On chip high precision delay line to guarantee critical
VRAM access timing parameters
Y
microCMOS process for low power
Y
High capacitance drivers for RAS CAS DT OE and
VRAM address on chip
Y
On chip support for nibble page and static column
VRAMs
Y
Byte enable signals on chip allow byte writing in a word
size up to 16 bits with no external logic
Y
Selection of controller speeds 20 MHz and 25 MHz
Y
On board Port APort B (DP8522A only)refresh arbitra-
tion logic
Y
Direct interface to all major microprocessors (applica-
tion notes available)
Y
4 RAS and 4 CAS drivers (the RAS and CAS configura-
tion is programmable)
of Pins
of Address
Largest
Direct Drive
Access
Control
(PLCC)
Outputs
VRAM
Memory
Ports
Possible
Capacity
Available
DP8520A
68
9
256 kbit
4 Mbytes
Single Access Port
DP8521A
68
10
1 Mbit
16 Mbytes
Single Access Port
DP8522A
84
11
4 Mbit
64 Mbytes
Dual Access Ports (A and B)
Block Diagram
DP8520A21A22A VRAM Controller
TLF9338 – 5
FIGURE 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
PAL
is a registered trademark of and is used under license from Monolithic Memories Inc
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP8500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8510 NSC-DP8510 Datasheet
45Kb / 1P
BITBLT PROCESSING UNIT
DP8511 NSC-DP8511 Datasheet
61Kb / 2P
BITBLT PROCESSING UNIT(BPU)
DP8511V NSC-DP8511V Datasheet
61Kb / 2P
BITBLT PROCESSING UNIT(BPU)
DP8570 NSC-DP8570 Datasheet
381Kb / 26P
Timer Clock Peripheral (TCP)
DP8570A NSC-DP8570A Datasheet
381Kb / 26P
Timer Clock Peripheral (TCP)
More results

Similar Description - DP8500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8420A NSC-DP8420A Datasheet
824Kb / 58P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420V NSC-DP8420V Datasheet
824Kb / 60P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8430V NSC-DP8430V Datasheet
770Kb / 56P
microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8440-40 NSC-DP8440-40 Datasheet
644Kb / 46P
microCMOS Programmable 16/64 Mbit Dynamic RAM Controller/Driver
logo
Sharp Corporation
LH5PV16256 SHARP-LH5PV16256 Datasheet
116Kb / 14P
CMOS 4M (256K x 16) Pseudo-Static RAM
LH6V4256 SHARP-LH6V4256 Datasheet
198Kb / 18P
CMOS 1M (256K x 4) Dynamic RAM
logo
Cypress Semiconductor
CY64146V CYPRESS-CY64146V Datasheet
234Kb / 10P
4M (256K x 16) Static RAM
CY62147V CYPRESS-CY62147V Datasheet
170Kb / 9P
4M (256K x 16) Static RAM
logo
National Semiconductor ...
DP8418 NSC-DP8418 Datasheet
525Kb / 28P
64k, 256k Dynamic RAM Controller/Drivers
logo
Samsung semiconductor
KM428C256 SAMSUNG-KM428C256 Datasheet
2Mb / 32P
256K x 8 Bit CMOS Video RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com