Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8500 Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 51Page - National Semiconductor (TI) DP8500 Datasheet HTML 52Page - National Semiconductor (TI) DP8500 Datasheet HTML 53Page - National Semiconductor (TI) DP8500 Datasheet HTML 54Page - National Semiconductor (TI) DP8500 Datasheet HTML 55Page - National Semiconductor (TI) DP8500 Datasheet HTML 56Page - National Semiconductor (TI) DP8500 Datasheet HTML 57Page - National Semiconductor (TI) DP8500 Datasheet HTML 58Page - National Semiconductor (TI) DP8500 Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
150 AC Timing Parameters DP8520ADP8521ADP8522A (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18 VRAMs
per bank including trace capacitance (see Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 and 10 or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 and 10
Mode 1 Access
8520A21A22A-25
Number
Symbol
Parameter Description
CL
CH
Min
Max
Min
Max
400a
tSADSCK1
ADS Asserted Setup to CLK High
13
13
400b
tSADSCKW
ADS Asserted Setup to CLK
(to Guarantee Correct WAIT
25
25
or DTACK Output Doesn’t Apply for DTACK0)
401
tSCSADS
CS Setup to ADS Asserted
5
5
402
tPADSRL
ADS Asserted to RAS Asserted
25
29
403a
tPADSCL0
ADS Asserted to CAS Asserted
75
82
(tRAH e 15 ns tASC e 0 ns)
403b
tPADSCL1
ADS Asserted to CAS Asserted
85
92
(tRAH e 15 ns tASC e 10 ns)
403c
tPADSCL2
ADS Asserted to CAS Asserted
85
92
(tRAH e 25 ns tASC e 10 ns)
403d
tPADSCL3
ADS Asserted to CAS Asserted
95
102
(tRAH e 25 ns tASC e 10 ns)
404
tSADDADS
Row Address Valid Setup to ADS
914
Asserted to Guarantee tASR e 0ns
405
tHCKADS
ADS Negated Held from CLK High
0
0
406
tSWADS
WAITIN Asserted Setup to ADS
Asserted to Guarantee DTACK00
0
Is Delayed
407
tSBADAS
Bank Address Setup to ADS Asserted
11
11
408
tHASRCB
Row Column Bank Address Held from
10
10
ADS Asserted (Using On-Chip Latches)
409
tSRCBAS
Row Column Bank Address Setup to
22
ADS Asserted (Using On-Chip Latches)
410
tWADSH
ADS Negated Pulse Width
12
17
411
tPADSD
ADS Asserted to DTACK Asserted
35
35
(Programmed as DTACK0)
412
tSWINADS
WIN Asserted Setup to ADS Asserted
(to Guarantee CAS Delayed during
b
10
b
10
Writes Accesses)
413
tPADSWL0
ADS Asserted to WAIT Asserted
29
29
(Programmed as WAIT0 Delayed Access)
414
tPADSWL1
ADS Asserted to WAIT Asserted
29
29
(Programmed WAIT 12 or 1)
415
tPCLKDL1
CLK High to DTACK Asserted
(Programmed as DTACK0
32
32
Delayed Access)
416
AREQ Negated to ADS Asserted
to Guarantee tASR e 0ns
31
36
(Non Interleaved Mode Only)
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com