Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8500 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 30Page - National Semiconductor (TI) DP8500 Datasheet HTML 31Page - National Semiconductor (TI) DP8500 Datasheet HTML 32Page - National Semiconductor (TI) DP8500 Datasheet HTML 33Page - National Semiconductor (TI) DP8500 Datasheet HTML 34Page - National Semiconductor (TI) DP8500 Datasheet HTML 35Page - National Semiconductor (TI) DP8500 Datasheet HTML 36Page - National Semiconductor (TI) DP8500 Datasheet HTML 37Page - National Semiconductor (TI) DP8500 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
80 RAS and CAS Configuration Modes (Continued)
82 MEMORY INTERLEAVING
Memory interleaving allows the cycle time of VRAMs to be
reduced by having sequential accesses to different memory
banks Since the DP8520A21A22A have separate pre-
charge counters per bank sequential accesses will not be
delayed if the accessed banks use different RAS outputs
To ensure different RAS outputs will be used a mode is
selected where either one or two RAS outputs will be as-
serted during an access The bank select or selects B0 and
B1 are then tied to the least significant address bits caus-
ing a different group of RASs to assert during each sequen-
tial access as shown in
Figure 39 In this figure there should
be at least one clock period of all RAS’s negated between
different RAS’s being asserted to avoid the condition of a
CAS before RAS refresh cycle
83 ADDRESS PIPELINING
Address pipelining allows several access RASstobeas-
serted at once Because RASs can overlap each bank re-
quires either a mode where one RAS and one CAS are used
per bank as shown in
Figure 40 or where two RASs and two
CASs are used per bank as shown in
Figure 41 In order to
perform byte writing while using address pipelining external
gating on the CAS outputs must be used If the array is not
layed out this way a CAS to a bank can be low before RAS
which will cause a refresh of the VRAM not an access To
take full advantage of address pipelining memory interleav-
ing is used To memory interleave the least significant ad-
dress bits should be tied to the bank select inputs to ensure
that all ‘‘back to back’’ sequential accesses are not delayed
since different memory banks are accessed
TLF9338 – 90
FIGURE 39 Memory Interleaving with Byte Writing Capability (C6 C5 C4 e 1 1 0 during Programming)
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com