Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8500 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP8500 Datasheet HTML 1Page - National Semiconductor (TI) DP8500 Datasheet HTML 2Page - National Semiconductor (TI) DP8500 Datasheet HTML 3Page - National Semiconductor (TI) DP8500 Datasheet HTML 4Page - National Semiconductor (TI) DP8500 Datasheet HTML 5Page - National Semiconductor (TI) DP8500 Datasheet HTML 6Page - National Semiconductor (TI) DP8500 Datasheet HTML 7Page - National Semiconductor (TI) DP8500 Datasheet HTML 8Page - National Semiconductor (TI) DP8500 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
10 Introduction
The DP8520A21A22A are CMOS Video RAM controllers
that incorporate many advanced features including the ca-
pabilities of address latches refresh counter refresh clock
row column and refresh address multiplexor delay line re-
freshaccessVRAM transfer cycle arbitration logic and
high capacitive drivers The programmable system interface
allows any manufacturer’s microprocessor or bus to directly
interface via the DP8520A21A22A to VRAM arrays up to
64 Mbytes in size
After power up the DP8520A21A22A must first be pro-
grammed before accessing the VRAM The chip is pro-
grammed through the address bus
There are two methods of programming the chip The first
method mode load only is accomplished by asserting the
signal mode load ML A valid programming selection is pre-
sented on the row column bank and ECAS inputs then ML
is negated When ML is negated the chip is programmed
with the valid programming bits on the address bus
The second method chip selected access is accomplished
by asserting ML and performing a chip selected access
When CS and AREQ are asserted for the access the chip is
programmed During this programming access the pro-
gramming bits affecting the wait logic become effective im-
mediately allowing the access to terminate After the ac-
cess ML is negated and the rest of the programming bits
take effect
Once the DP8520A21A22A has been programmed a
60 ms initialization period is entered During this time the
DP8520A21A22A controllers perform refreshes to the
VRAM array so further VRAM warm up cycles are unneces-
sary
The DP8520A21A22A can now be used to access the
VRAM There are two modes of accessing with the control-
ler The two modes are Mode 0 which initiates RAS syn-
chronously and Mode 1 which initiates RAS asynchronous-
ly
To access the VRAM using Mode 0 the signal ALE is as-
serted along with CS to ensure a valid VRAM access ALE
asserting sets an internal latch and only needs to be pulsed
and not held throughout the entire access On the next ris-
ing clock edge after the latch is set RAS will be asserted
for that access The DP8520A21A22A will place the row
address on the VRAM address bus guarantee the pro-
grammed value of row address hold time of the VRAM
place the column address on the VRAM address bus guar-
antee the programmed value of column address setup time
and assert CAS AREQ can be asserted anytime after the
clock edge which starts the access RAS RAS and CAS will
extend until AREQ is negated
The other access mode Mode 1 is asynchronous to the
clock
When ADS is asserted
RAS is asserted
The
DP8520A21A22A will place the row address on the
VRAM address bus guarantee the programmed value of
row address hold time place the column address on the
VRAM address bus guarantee the programmed value of
column address setup time and assert CAS AREQ can be
tied to ADS or can be asserted after ADS is asserted AREQ
negated will terminate the access
The DP8520A21A22A also provides full support for
VRAM transfer cycles
To begin the cycle
the input
AVSRLRQ Advanced Video Shift Register Load Request is
asserted and must precede the input VSRL Video Shift
Register Load asserting by enough CLK periods to guaran-
tee any access in progress or pending refresh can finish
VSRL asserting causes DT OE to transition low immediate-
ly Both VSRL and DT OE assert before RAS and CAS as-
sert for the transfer The cycle is ended by DT OE negating
This is caused by either VSRL negating or by four rising
edges of CLK from VSRL asserting whichever comes first
The DP8520A21A22A have greatly expanded refresh ca-
pabilities compared to other VRAM controllers There are
three modes of refreshing available These modes are inter-
nal automatic refreshing
externally controlledburst re-
freshing and refresh requestacknowledge refreshing Any
of these modes can be used together or separately to
achieve the desired results In any combination of these
modes the programming of ECAS0 determines the use of
the RFIP (RFRQ) pin ECAS0 asserted during programming
causes this pin to function as RFIP which will assert just
prior to a refresh cycle and will negate when the refresh is
completed ECAS0 negated during programming causes
this pin to function as RFRQ which indicates an internal
refresh request when asserted
When using internal automatic refreshing the DP8520A
21A22A will generate an internal refresh request from the
refresh request clock The DP8520A21A22A will arbitrate
between the refresh requests and accesses Assuming an
access is not currently in progress the DP8520A21A22A
will grant a refresh assert RFIP if programmed and on the
next positive clock edge refreshing will begin If an access
had been in progress the refresh will begin after the access
has terminated
To use externally controlledburst refresh the user disables
the
internal
refresh
request
by
asserting
the
input
DISRFRSH A refresh can now be externally requested by
asserting the input RFSH The DP8520A21A22A will arbi-
trate between the external refresh request and accesses
Assuming an access is not currently in progress
the
DP8520A21A22A will grant a refresh assert RFIP if pro-
grammed and on the next positive clock edge refreshing
will begin If an access had been in progress the refresh
would take place after the access has terminated
With refresh requestacknowledge mode the DP8520A
21A22A broadcasts the internal refresh request to the sys-
tem through the RFRQ output pin External circuitry can de-
termine when to refresh the VRAM through the RFSH input
The controllers have three types of refreshing available
conventional staggered and error scrubbing Any refresh
control mode can be used with any type of refresh In a
conventional refresh all of the RAS outputs will be asserted
and negated at once In a staggered refresh the RAS out-
puts will be asserted one positive clock edge apart Error
scrubbing is the same as conventional refresh except that a
CAS will be asserted during a refresh allowing the system to
run that data through an EDAC chip and write it back to
memory if a single bit error has occurred The refreshes
can be extended with the EXTEND REFRESH input
EXTNDRF
The DP8520A21A22A have wait support available as
DTACK or WAIT Both are programmable DTACK Data
Transfer ACKnowledge is useful for processors whose wait
signal is active high WAIT is useful for processors whose
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com